Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 398LMB050M2DC

  • AI
    The part number **398LMB050M2DC** refers to a high-performance **Aluminum Electrolytic Capacitor** typically manufactured by Illinois Capacitor (now part of Cornell Dubilier/CDE). These capacitors are designed for power electronics, filtering, and energy storage applications. --- ### ## Technical Specifications Below are the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Capacitance** | 3,900 µF (Microfarads) | | **Voltage Rating** | 50 VDC (Volts Direct Current) | | **Tolerance** | ±20% (Standard) | | **Mounting Type** | Through-hole / Snap-In | | **Temperature Range** | -40°C to +105°C | | **Lifetime** | 3,000 Hours @ 105°C | | **Case Size (D x L)** | Approximately 22mm x 35mm (varies by series) | | **Termination** | 2-Pin Snap-In | --- ### ## Key Features and Construction 1. **Snap-In Design:** The "M2DC" suffix usually denotes a specific lead configuration and case size. The snap-in terminals are designed to hold the component securely on a PCB (Printed Circuit Board) before the soldering process. 2. **High Ripple Current:** This series is engineered to handle significant ripple currents, making it ideal for rectifying AC to DC. 3. **Extended Life:** Rated at 105°C, it offers superior longevity compared to standard 85°C capacitors, especially in high-heat environments like power supplies. 4. **Polarized:** As an electrolytic capacitor, it is polarized. Incorrect installation (reversing positive and negative) can lead to component failure or venting. --- ### ## Common Applications * **Switch Mode Power Supplies (SMPS):** Used for output filtering to smooth the DC voltage. * **DC-DC Converters:** Acts as a reservoir to maintain steady voltage levels during load transitions. * **Audio Amplifiers:** Provides the energy reserves necessary for high-fidelity bass response and noise decoupling. * **Industrial Controls:** Used in motor drives and control circuits for ripple current absorption. --- ### ## Equivalent Part Number Identification If you are searching for this part, ensure the dimensions match your PCB layout, as "LMB" series capacitors focus on a specific height-to-width ratio to fit into compact enclosures.
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions and pin spacing for the M2DC case code?
    • ⤷ Can this capacitor be used in a circuit with a 48V rail?
    • ⤷ What are the recommended alternatives from brands like Nichicon or United Chemi-Con?