30LVD80-R
AI

## Technical Overview of 30LVD80-R
The **30LVD80-R** is a high-voltage ceramic disc capacitor manufactured by **Vishay Cera-Dite**. It belongs to the **30LVD series**, which are specifically designed for low-voltage power supplies and line-frequency filtering where high reliability and specific capacitance values are required.
### 1. Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Capacitance** | 0.08 µF (80,000 pF) |
| **Tolerance** | ±20% |
| **Rated Voltage** | 300 VAC (Line Voltage) / 800 VDC |
| **Dielectric Material** | Y5U (Class II Dielectric) |
| **Operating Temperature** | -30°C to +125°C |
| **Mounting Type** | Through-hole (Radial Leads) |
---
### 2. Physical Construction
* **Coating:** The capacitor is typically encapsulated in a flame-retardant epoxy resin (UL 94 V-0 rated), which provides excellent moisture resistance and insulation.
* **Leads:** Features tinned copper radial leads, suitable for soldering onto Printed Circuit Boards (PCBs).
* **Disc Size:** The "80" in the part number often correlates to the diameter or specific capacitance code; these discs are relatively large compared to standard decoupling caps due to the voltage rating.
---
### 3. Electronic Behavior and Dielectric (Y5U)
The **Y5U** designation is a standard EIA code that describes the stability of the capacitor relative to temperature:
* **Y:** Minimum temperature of -30°C.
* **5:** Maximum temperature of +85°C (though the component rating may extend to 125°C under specific derating).
* **U:** Maximum capacitance change of +22% / -56% over the temperature range.
**Note:** Because it is a Class II dielectric, it offers high volumetric efficiency (more capacitance in a smaller size) but is not suitable for precision timing circuits due to its temperature sensitivity.
---
### 4. Common Applications
* **AC Line Filtering:** Used in power supplies to filter out high-frequency noise.
* **Bypass/Coupling:** Used in circuits where the voltage exceeds the rating of standard 50V or 100V capacitors.
* **EMI/RFI Suppression:** Helps in reducing electromagnetic interference in industrial and consumer electronics.
* **Snubber Circuits:** Used to protect semiconductors by limiting voltage spikes.
---
### 5. Identification Marking
The component usually has specific markings on the body:
1. **Vishay Logo** (or a stylized 'D' for Cera-Mite).
2. **30LVD80** (Part series and value).
3. **300V~** (AC voltage rating).
- ⤷
What are the equivalent alternatives for the 30LVD80-R in high-surge applications?
- ⤷ How does the Y5U dielectric compare to X7R in terms of stability?
- ⤷ What is the recommended soldering profile for this radial ceramic capacitor?