Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 30LVD32-R

  • AI
    The **30LVD32-R** is a specific type of ceramic disc capacitor, typically used for safety applications and high-voltage circuits. These components are designed to withstand transient overvoltages and are commonly found in power supplies and line filters. ### 1. Key Technical Specifications Below are the general parameters associated with this part number: | Parameter | Description | | :--- | :--- | | **Capacitance** | 3200 pF (usually indicated by the "32" in the suffix) | | **Voltage Rating** | 300V AC (Standard for Y-class safety capacitors) | | **Dielectric Material** | Ceramic (Class II) | | **Safety Class** | Often X1/Y2 Rated (Line-to-ground application) | | **Mounting Type** | Through-Hole (Radial Leads) | | **Tolerance** | Usually ±20% (M) | --- ### 2. Functional Breakdown The "30LVD" series is part of the **Vishay Cera-Mite** family or similar high-reliability manufacturers. The components serve three primary roles: 1. **Safety Suppression:** They are designed to fail "open" rather than shorting out, preventing electric shock to the user if the component fails. 2. **EMI/RFI Filtering:** They filter out electromagnetic interference and radio frequency noise from the power lines. 3. **Transient Protection:** They protect delicate downstream electronics from sudden voltage spikes (surges). ### 3. Applications * **Power Supplies (SMPS):** Used on the primary side of the circuit. * **Household Appliances:** Found in washing machines, refrigerators, and microwave ovens to prevent motor noise from entering the grid. * **Industrial Equipment:** Used in motor controllers and high-voltage interfaces. * **Antenna Coupling:** Providing isolation while allowing signal pass-through. --- ### 4. Circuit Symbol and Usage In a schematic, this component is represented by the standard non-polarized capacitor symbol. Because it is a safety capacitor, it is often connected between the **Line (L)** and **Chassis Ground (G)** or **Neutral (N)** and **Chassis Ground (G)**. ```arduino // Example of where this part sits in a power circuit: [AC Mains] ---> [Fuse] ---> [30LVD32-R (Y-Capacitor)] ---> [Rectifier] | [Chassis Ground] ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between X-class and Y-class safety capacitors?
    • ⤷ How do I identify the capacitance value if the markings are faded?
    • ⤷ Can a standard ceramic capacitor be used as a replacement for a 30LVD32-R?