Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 2TS-10-R

  • AI
    ## Technical Overview of the 2TS-10-R The **2TS-10-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Tactile Switch**. These components are widely used in consumer electronics, industrial controls, and peripheral devices to provide user input through a momentary physical press. ### 1. Key Technical Specifications Below are the typical electrical and mechanical parameters for the 2TS-10-R series: | Feature | Specification | | :--- | :--- | | **Type** | Momentary Tactile Switch | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Actuation Force** | Usually 160gf or 250gf (±50gf) | | **Contact Rating** | 50mA, 12V DC | | **Contact Resistance** | 100mΩ Max | | **Insulation Resistance** | 100MΩ Min (at 100V DC) | | **Dielectric Strength** | 250V AC for 1 minute | | **Operating Life** | 50,000 to 100,000 cycles | | **Travel** | 0.25mm ± 0.1mm | --- ### 2. Physical Characteristics The "10" in the part number often refers to the height or specific dimensioning in millimeters (depending on the manufacturer's series), and the "R" usually indicates **Tape and Reel** packaging for automated pick-and-place assembly. * **Materials:** * **Base:** High-temperature Thermoplastic (LCP or Nylon). * **Cover:** Stainless steel or Nickel-plated brass. * **Contact Disk:** Stainless steel with silver plating (provides the "click" feel). * **Terminals:** Brass with silver or gold plating for better conductivity. --- ### 3. Common Applications Due to its small footprint and reliable feedback, the 2TS-10-R is found in: 1. **Consumer Electronics:** Remote controls, cameras, and audio equipment. 2. **Computing:** Reset buttons on motherboards or peripheral input buttons. 3. **Industrial:** Interface panels and handheld testing equipment. 4. **Wearables:** Power or function buttons on smart devices. --- ### 4. Circuit Diagram Representation In an electronic schematic, the 2TS-10-R is represented as a normally open (NO) momentary switch. ```text Terminal 1 o-------/ --------o Terminal 2 (Push to Close) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between 160gf and 250gf actuation force versions?
    • ⤷ How should I footprint the 2TS-10-R for a PCB design?
    • ⤷ What are the soldering temperature requirements for this SMD part?