Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 2SD965-R

  • AI
    ## Technical Overview of the 2SD965-R Transistor The **2SD965-R** is a specialized NPN silicon epitaxial planar transistor designed primarily for applications requiring high current capacity and low saturation voltage. It is most commonly found in camera flash circuits, toy motor controllers, and power management modules. ### 1. Key Technical Specifications The "R" suffix typically denotes the **hFE (DC Current Gain)** classification, which usually falls within the range of 230 to 600. | Parameter | Symbol | Maximum Rating | | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 40 V | | Collector-Emitter Voltage | $V_{CEO}$ | 20 V | | Emitter-Base Voltage | $V_{EBO}$ | 7 V | | Collector Current (DC) | $I_C$ | 5.0 A | | Collector Current (Pulse) | $I_{CP}$ | 8.0 A | | Total Power Dissipation | $P_C$ | 750 mW | | Junction Temperature | $T_j$ | 150 °C | --- ### 2. Main Characteristics * **High Current Handling:** Despite its small footprint, it can handle a continuous collector current of up to 5A, making it ideal for driving heavy loads. * **Low Saturation Voltage:** $V_{CE(sat)}$ is typically around 1.0V at 3A, which ensures efficiency and reduces heat generation during switching. * **Package Type:** Usually comes in a **TO-92L** (Long) package, which is slightly taller than the standard TO-92 to allow for better heat dissipation. ### 3. Pin Configuration When looking at the flat side of the transistor with the leads pointing down: 1. **Emitter (E):** The exit point for the current. 2. **Collector (C):** The entry point for the current. 3. **Base (B):** The trigger that controls the flow between Collector and Emitter. --- ### 4. Typical Applications The 2SD965-R is favored in battery-operated devices due to its high efficiency: * **Emergency Strobes:** Used to charge capacitors for xenon flash tubes. * **DC-DC Converters:** Voltage boosting in portable electronics. * **Motor Drivers:** High-current switching for small DC motors in robotics. --- ### 5. Equivalent/Substitute Parts If the 2SD965-R is unavailable, the following parts are often used as alternatives, though pinouts and gain should be verified: * **KSD965** (Direct equivalent from other manufacturers) * **2SC2500** (Similar high-current characteristics) * **SS8050** (Lower current limit, but usable for smaller loads)
    ✨ Follow-up Questions
    • ⤷ What are the specific hFE ranges for the 'Q' and 'S' versions of this transistor?
    • ⤷ How does the TO-92L package differ in thermal resistance compared to a standard TO-92?
    • ⤷ Can this transistor be used directly with a 5V microcontroller like an Arduino?