2SD1007-R
AI

## Overview of the 2SD1007-R Transistor
The **2SD1007-R** is a high-frequency, NPN epitaxial silicon transistor. It is primarily designed for high-speed switching and high-frequency amplification applications. The "R" suffix typically refers to the **hFE (DC Current Gain)** classification range.
---
### 1. Key Technical Specifications
| Parameter | Symbol | Maximum Rating | Unit |
| :--- | :--- | :--- | :--- |
| Collector-Base Voltage | $V_{CBO}$ | 50 | V |
| Collector-Emitter Voltage | $V_{CEO}$ | 50 | V |
| Emitter-Base Voltage | $V_{EBO}$ | 5 | V |
| Collector Current (DC) | $I_C$ | 700 | mA |
| Total Power Dissipation | $P_D$ | 200 | mW |
| Junction Temperature | $T_j$ | 150 | °C |
### 2. Electrical Characteristics
* **Current Gain (hFE):** The "R" classification generally signifies a gain range between **120 and 240**.
* **Transition Frequency ($f_T$):** Typically around **100 to 200 MHz**, making it suitable for RF signal processing.
* **Saturation Voltage:** It features a low collector-emitter saturation voltage, $V_{CE(sat)}$, which improves efficiency in switching circuits.
---
### 3. Physical Package (SOT-23)
The 2SD1007-R is usually housed in a **SOT-23** surface-mount package. The pin configuration is standard for this package:
1. **Base (B)**
2. **Emitter (E)**
3. **Collector (C)**
---
### 4. Common Applications
* **High-Speed Switching:** Used in digital circuits to toggle power or signals quickly.
* **Signal Amplification:** Ideal for small-signal RF and AF (Audio Frequency) amplification.
* **Driver Circuits:** Acts as a driver for small relays, LEDs, or other peripheral components.
---
### 5. Equivalent/Substitute Parts
If the 2SD1007-R is unavailable, the following transistors are often considered compatible substitutes, though you should always verify the pinout and gain:
* **BC817** (Commonly used equivalent)
* **2SD601**
* **MMBT2222A** (General purpose alternative)
- ⤷
What is the difference between the 'R' and 'S' gain classifications for this transistor?
- ⤷ Can the 2SD1007-R be used in a 12V automotive circuit?
- ⤷ What are the specific thermal management requirements for the SOT-23 package?