Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 2SC4081-R

  • AI
    ## Overview of the 2SC4081-R The **2SC4081-R** is a high-frequency, general-purpose NPN epitaxial planar silicon transistor. It is widely used in switching and amplification circuits, particularly in compact consumer electronics due to its small surface-mount footprint. --- ### 1. Key Technical Specifications The "R" suffix typically denotes the **hFE (DC Current Gain)** classification, which usually falls within the range of 180 to 390. | Parameter | Symbol | Maximum Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 60 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 50 | V | | Emitter-Base Voltage | $V_{EBO}$ | 7 | V | | Collector Current | $I_C$ | 150 | mA | | Collector Power Dissipation | $P_C$ | 200 | mW | | Junction Temperature | $T_j$ | 150 | °C | | Transition Frequency | $f_T$ | 180 (Typ.) | MHz | --- ### 2. Physical Characteristics The 2SC4081-R is most commonly found in the **SOT-23 (SC-59)** or **SC-70 (SOT-323)** packages. * **Pin Configuration:** 1. **Base (B)** 2. **Emitter (E)** 3. **Collector (C)** * **Marking Code:** Usually marked as **"BR"** or **"BQ"** depending on the specific manufacturer (e.g., ROHM). --- ### 3. Features & Advantages * **Low Capacitance:** Provides excellent high-frequency characteristics, making it suitable for RF signal processing. * **Complementary Pair:** The PNP counterpart for this transistor is the **2SA1576**. * **High Reliability:** Designed for stable performance in small-signal applications. * **Standardization:** It is a direct alternative to common transistors like the **2SC1623** or **BC847**, though pinouts and gain should always be verified. --- ### 4. Common Applications * **Signal Amplification:** Low-noise pre-amplifiers for audio or radio frequencies. * **Switching:** Acting as a digital switch for driving LEDs or small relays (up to 150mA). * **Oscillators:** Used in high-frequency clock or signal generators. * **Mobile Devices:** Due to its small size, it is frequently used in smartphones and tablets.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the R
    • ⤷ Q
    • ⤷ and S gain variants of the 2SC4081?
    • ⤷ Can the 2SC4081-R be used as a direct replacement for the MMBT3904?
    • ⤷ What is the complementary PNP transistor part number for the 2SC4081-R?