2SC3645-R
AI

The **2SC3645-R** is a high-frequency NPN epitaxial silicon transistor primarily designed for high-definition video output and high-speed switching applications. It is often found in the circuitry of CRT monitors, video amplifiers, and communication equipment.
---
### 1. Key Technical Specifications
The "R" suffix typically denotes a specific **hFE (DC Current Gain)** classification, ensuring predictable performance in amplification circuits.
| Parameter | Symbol | Maximum Rating | Unit |
| :--- | :--- | :--- | :--- |
| Collector-Base Voltage | $V_{CBO}$ | 160 | V |
| Collector-Emitter Voltage | $V_{CEO}$ | 160 | V |
| Emitter-Base Voltage | $V_{EBO}$ | 5.0 | V |
| Collector Current (DC) | $I_C$ | 50 | mA |
| Total Power Dissipation | $P_C$ | 800 | mW |
| Junction Temperature | $T_j$ | 150 | °C |
---
### 2. Electrical Characteristics
These values define how the transistor behaves under standard operating conditions:
* **Current Gain ($h_{FE}$):** For the "R" grade, the range is typically between **100 and 200**.
* **Transition Frequency ($f_T$):** Approximately **400 MHz**. This high frequency makes it excellent for video signals where rapid switching is required to maintain image clarity.
* **Output Capacitance ($C_{ob}$):** Low capacitance (typically around **1.8 pF**), which reduces signal distortion at high frequencies.
---
### 3. Physical Package & Pinout
The 2SC3645 is usually housed in a **TO-92L** (also known as the "Large" TO-92) package. This is slightly taller than a standard TO-92 to allow for better heat dissipation.
| Pin Number | Assignment |
| :--- | :--- |
| 1 | Emitter (E) |
| 2 | Collector (C) |
| 3 | Base (B) |
---
### 4. Typical Applications
* **Video Output Stages:** Used in high-resolution displays to drive the cathode ray tube.
* **High-Voltage Switching:** Suitable for circuits operating up to 160V.
* **RF Amplifiers:** Due to its 400 MHz transition frequency, it can be used in wideband pre-amplifiers.
---
### 5. Equivalent Substitutes
If the 2SC3645-R is unavailable, the following parts are often considered as alternatives (check pinouts and voltage ratings before replacing):
* **2SC3467**
* **2SC3953**
* **KSC3503**
- ⤷What is the difference between the R
- ⤷ S
- ⤷ and T gain classifications for this transistor?
- ⤷ How does the low output capacitance (Cob) improve video signal quality?
- ⤷ Can this transistor be used in 220V power supply switching applications?