Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 2SC2712-Y-AE3-R

  • AI
    The **2SC2712-Y-AE3-R** is a specific variant of the widely used 2SC2712 NPN epitaxial silicon transistor. It is primarily designed for low-frequency voltage amplification and high-frequency switching applications in compact electronic devices. --- ## 1. Technical Specifications The following table summarizes the key electrical characteristics of the 2SC2712-Y: | Parameter | Symbol | Maximum Rating | | :--- | :--- | :--- | | **Collector-Base Voltage** | $V_{CBO}$ | 60 V | | **Collector-Emitter Voltage** | $V_{CEO}$ | 50 V | | **Emitter-Base Voltage** | $V_{EBO}$ | 5 V | | **Collector Current (DC)** | $I_C$ | 150 mA | | **Collector Power Dissipation** | $P_C$ | 150 mW | | **Junction Temperature** | $T_j$ | 150 °C | | **DC Current Gain** | $h_{FE}$ | 120 to 240 (Y-Rank) | --- ## 2. Deciphering the Part Number Manufacturers use specific suffixes to denote packaging, gain, and environmental compliance: * **2SC2712**: The base model number (NPN Transistor). * **Y**: The **Classification of $h_{FE}$ (Gain)**. The "Y" rank typically signifies a DC current gain range between **120 and 240**. * **AE3**: Represents the **Package Type**. In many naming conventions (like UTC), this refers to the **SOT-23** surface-mount package. * **R**: Usually denotes the **Tape and Reel** packaging for automated SMT assembly. --- ## 3. Key Features & Applications ### Features * **Low Noise**: Excellent signal-to-noise ratio, making it suitable for audio pre-amplifiers. * **High Transition Frequency ($f_T$)**: Typically around 80 MHz, allowing it to handle high-speed switching tasks. * **Small Footprint**: The SOT-23 package is ideal for high-density circuit boards in smartphones and tablets. ### Common Applications 1. **Audio Amplification**: Small signal amplification in consumer electronics. 2. **Switching**: Driving small loads like LEDs, relays, or acting as a logic level shifter. 3. **Signal Processing**: Used in oscillators and filter circuits. --- ## 4. Internal Structure & Pinout The device is a three-terminal semiconductor in a standard SOT-23 configuration: ```text SOT-23 Top View _______ | 3 | (1: Base) |___ ___| (2: Emitter) 1 | | 2 (3: Collector) ------- ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the 2SC2712?
    • ⤷ How does the 'Y' gain rank compare to the 'GR' rank for this transistor?
    • ⤷ What is the maximum frequency response (fT) for this specific component?