Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 2SC2411-R-

  • AI
    The **2SC2411-R** is an NPN epitaxial planar silicon transistor designed primarily for general-purpose switching and amplification applications. It is frequently found in small-signal circuits within consumer electronics. --- ### 1. Key Technical Specifications The "R" suffix specifically denotes the **hFE (DC Current Gain)** classification, indicating a range typically between 180 and 390. | Parameter | Symbol | Maximum Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 32 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 32 | V | | Emitter-Base Voltage | $V_{EBO}$ | 5 | V | | Collector Current | $I_C$ | 500 | mA | | Power Dissipation | $P_D$ | 200 - 300 | mW | | Junction Temperature | $T_j$ | 150 | °C | --- ### 2. Physical Characteristics & Packaging The 2SC2411-R is commonly available in small, surface-mount packages (SMD) to save board space in modern devices. * **Common Package:** SOT-23 / SST3 (Standard Small Transistor). * **Pin Configuration:** 1. **Base (B):** Controls the current flow between Collector and Emitter. 2. **Emitter (E):** The lead through which the current exits. 3. **Collector (C):** The lead through which the current enters. --- ### 3. Features & Applications #### Features * **Low Saturation Voltage:** $V_{CE(sat)}$ is typically low (around 0.4V max at 500mA), minimizing power loss. * **High Current Capacity:** Despite its small size, it can handle up to 500mA. * **Complementary Pair:** Often paired with the **2SA1036** (PNP type) for push-pull circuit designs. #### Applications * **Switching:** Acting as a digital switch to turn on LEDs, relays, or small motors. * **Amplification:** Low-frequency signal amplification in audio or sensor circuits. * **Driver Circuits:** Used in the output stages of microcontrollers to drive higher current loads. --- ### 4. Equivalent / Replacement Parts If the 2SC2411-R is unavailable, the following transistors are often used as functional substitutes (always verify pinout and voltage ratings): * **BC817:** Very common NPN SMD transistor with similar current ratings. * **2SC2412:** A similar series, though often with lower current ratings. * **MMBT3904:** General purpose, though max current is lower (200mA).
    ✨ Follow-up Questions
    • ⤷What is the difference between the 'R' and 'S' gain classifications for this transistor?
    • ⤷ Can the 2SC2411-R be used directly with a 5V Arduino output?
    • ⤷ What is the recommended complementary PNP transistor for a push-pull configuration?