2SB1216-R
AI

## 2SB1216-R Electronic Component Overview
The **2SB1216-R** is a high-performance PNP epitaxial planar silicon transistor. It is specifically designed for applications requiring high-speed switching and low saturation voltage, often used in power supplies and motor drivers.
---
### 1. Key Technical Specifications
| Parameter | Symbol | Rating | Unit |
| :--- | :--- | :--- | :--- |
| **Collector-to-Base Voltage** | $V_{CBO}$ | -120 | V |
| **Collector-to-Emitter Voltage** | $V_{CEO}$ | -100 | V |
| **Emitter-to-Base Voltage** | $V_{EBO}$ | -6 | V |
| **Collector Current (DC)** | $I_C$ | -4 | A |
| **Collector Current (Pulse)** | $I_{CP}$ | -8 | A |
| **Total Power Dissipation** | $P_D$ | 1.0 (free air) / 20 ($T_C=25^\circ C$) | W |
| **Junction Temperature** | $T_j$ | 150 | $^\circ C$ |
---
### 2. Characteristics of the "R" Rank
The suffix **"R"** in 2SB1216-R refers to the **DC Current Gain ($h_{FE}$)** classification. Transistors in this series are binned based on their gain levels:
* **R Rank Range:** 100 to 200 $h_{FE}$
* *(Other ranks include Q: 70-140 and S: 140-280)*
---
### 3. Major Features
* **Low Saturation Voltage:** Typically exhibits a very low $V_{CE(sat)}$, which reduces power loss during operation.
* **High Speed:** Features a high gain-bandwidth product ($f_T$) and fast switching times (short fall and rise times).
* **Large Current Capacity:** Despite its relatively small package size, it can handle a continuous current of up to 4A.
* **Complementary Pair:** Its NPN counterpart is the **2SD1815**.
---
### 4. Common Applications
1. **Switching Regulators:** Used in DC-DC converters for efficient power conversion.
2. **Motor Drivers:** Ideal for H-bridge circuits in small to medium motor control.
3. **Audio Amplifiers:** Used in the output stages of power amplifiers due to its high voltage rating and linearity.
4. **Relay Drivers:** Handling inductive loads where high peak currents are present.
---
### 5. Package Dimensions (SANYO/ON Semi)
The 2SB1216 is typically found in the **TP** (standard) or **TP-FA** (surface mount) packages, which are similar in footprint to the TO-251 or TO-252 (DPAK).
```text
Pin Configuration:
1. Base
2. Collector
3. Emitter
```
---
- ⤷What is the NPN complementary transistor for the 2SB1216-R?
- ⤷ How does the low saturation voltage benefit battery-powered devices?
- ⤷ What are the physical dimensions of the TP/TO-251 package?