Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 2D331M

  • AI
    The **2D331M** is a high-voltage ceramic disc capacitor. These components are commonly used in power supplies, lighting ballasts, and household appliances for noise suppression and transient voltage protection. ### 1. Decoding the Part Number (2D331M) To understand the specifications, we can break down the alphanumeric code: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **2D** | **Voltage Rating** | Usually corresponds to **2000V (2kV) DC**. | | **331** | **Capacitance Value** | 33 followed by one zero = **330pF** (picofarads). | | **M** | **Tolerance** | Indicates a tolerance of **±20%**. | --- ### 2. Technical Specifications High-voltage ceramic capacitors like the 2D331M typically share the following physical and electrical characteristics: * **Capacitance:** 330 pF (0.33 nF). * **Rated Voltage:** 2,000 Volts (2kV). * **Dielectric Material:** Usually Class II ceramic (e.g., Y5P or Y5U), which provides a high dielectric constant in a small size. * **Configuration:** Radial leads (two wires extending from the bottom). * **Coating:** Flame-retardant epoxy resin (typically blue or tan). --- ### 3. Key Applications Because of its high voltage rating and relatively low capacitance, the 2D331M is used in specific circuit roles: 1. **Snubber Circuits:** Used to absorb voltage spikes generated by switching inductive loads (like motors or transformers). 2. **EMI/RFI Filtering:** Suppressing high-frequency noise in AC/DC power adapters. 3. **Horizontal Resonance:** Found in older CRT monitors and television sets. 4. **Lighting:** Used in electronic ballasts for fluorescent or HID lamps. --- ### 4. Summary Table | Feature | Specification | | :--- | :--- | | **Type** | Ceramic Disc Capacitor | | **Value** | 330 pF | | **Voltage** | 2 kV | | **Tolerance** | ±20% | | **Mounting Type** | Through-hole | ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Y5P and Y5U dielectric materials in these capacitors?
    • ⤷ How do I test a 2D331M capacitor using a multimeter?
    • ⤷ Can I replace a 2D331M with a capacitor of a higher voltage rating?