2802P-R-DUAL-FA
AI

The **2802P-R-DUAL-FA** refers to a high-performance, enterprise-grade power supply unit (PSU) typically associated with **Cisco ASR (Aggregation Services Routers)** or similar high-density networking chassis.
Below is a breakdown of its core electronic parts, specifications, and functions.
---
### 1. Technical Specifications Overview
This unit is a redundant, front-to-back airflow (FA) AC power module designed for 24/7 mission-critical operations.
| Feature | Specification |
| :--- | :--- |
| **Output Power** | ~2800W - 3000W (depending on input voltage) |
| **Input Type** | AC (Universal 100V - 240V) |
| **Airflow Direction** | Front-to-Back (FA) |
| **Redundancy** | N+1 or 1+1 Support |
| **Efficiency Rating** | Typically 80 Plus Platinum or higher |
---
### 2. Core Electronic Components
The internal architecture of the 2802P-R-DUAL-FA consists of several critical stages:
#### A. Input Stage (EMI/Transient Protection)
* **EMI Filters:** Inductors and capacitors designed to suppress electromagnetic interference.
* **MOVs (Metal Oxide Varistors):** Protect the internal circuitry from high-voltage surges or lightning strikes.
* **Rectifier Bridge:** Converts the incoming AC (Alternating Current) into high-voltage DC (Direct Current).
#### B. Active Power Factor Correction (PFC)
* **PFC Controller:** An integrated circuit that ensures the current waveform is in phase with the voltage, maximizing power efficiency and reducing harmonic distortion.
* **Boost Converters:** Large capacitors and MOSFETs that step up the rectified DC voltage to a steady 380V-400V DC.
#### C. DC-DC Conversion (The Switching Stage)
* **Main Transformer:** A high-frequency ferrite core transformer that provides galvanic isolation and steps the voltage down to the levels required by the router (usually 12V or 54V).
* **Switching MOSFETs:** High-speed transistors that "chop" the DC at high frequencies (100kHz+) to allow for a smaller transformer size.
#### D. Output & Regulation
* **Synchronous Rectifiers:** Used instead of standard diodes to reduce heat loss and improve efficiency during high-current output.
* **Filter Chokes & Capacitors:** Smooth the output to provide "clean" power with minimal ripple and noise.
---
### 3. Monitoring and Control Systems
The "DUAL" and "R" designations often imply sophisticated digital management:
* **Microcontroller (MCU):** Manages the Power Management Bus (**PMBus**) communication, allowing the router's software to monitor temperature, fan speed, and power consumption in real-time.
* **Dual-Fan Controller:** The "FA" (Front-to-Back Airflow) system uses pulse-width modulation (PWM) to adjust fan speeds based on thermal sensors.
* **Hot-Swap Controller:** Special circuitry and long/short pins on the connector that allow the module to be plugged in or removed while the system is running without causing electrical arcs or system crashes.
---
### 4. Safety and Protection Features
The unit includes hardware-level protection logic:
1. **OVP (Over Voltage Protection):** Shuts down if output exceeds safe limits.
2. **OCP (Over Current Protection):** Prevents damage during a short circuit.
3. **OTP (Over Temperature Protection):** Throttles or shuts down if cooling fails.
- ⤷
What is the specific Cisco router series this power supply is designed for?
- ⤷ How does 'Front-to-Back' airflow impact data center thermal management?
- ⤷ What are the pinout specifications for the 2802P series connectors?