Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 2310-R

  • AI
    The **2310-R** typically refers to a high-precision, programmable DC electronic load or a specific high-voltage resistor series, depending on the manufacturer. However, in the context of general electronic components, it most commonly refers to the **Keithley 2310-R**, a specialized series of resistors designed for precision measurement or the **2310-R series** of power inductors/resistors used in industrial electronics. Below is an explanation of the core electronic characteristics and specifications associated with this part number. --- ### 1. Technical Specifications Table | Feature | Typical Specification | | :--- | :--- | | **Component Type** | Precision Resistor / Inductor (Model dependent) | | **Tolerance** | ±0.01% to ±1% | | **Power Rating** | 0.25W to 10W (Depending on package) | | **Temperature Coefficient** | < 10 ppm/°C | | **Mounting Type** | Through-hole or Surface Mount (SMD) | | **RoHS Status** | Compliant | --- ### 2. Key Electronic Properties #### A. High Precision and Stability The "R" in 2310-R often signifies a specific resistance value or a "Reliability" rating. These parts are engineered to maintain a constant electrical value despite fluctuations in temperature or voltage. #### B. Low Noise Characteristics Because parts labeled 2310-R are often used in instrumentation, they are designed to minimize **Thermal Noise (Johnson Noise)**. This is crucial for: * Medical imaging equipment. * Precision laboratory power supplies. * Signal conditioning circuits. #### C. Power Dissipation The component is built to handle specific heat loads. If used in a power circuit, it utilizes specialized materials (like metal film or wire-wound structures) to dissipate heat without shifting the component's value (Thermal Drift). --- ### 3. Common Applications * **Current Sensing:** Used as a shunt to measure current in battery management systems. * **Voltage Dividers:** Providing accurate reference voltages for Analog-to-Digital Converters (ADCs). * **Industrial Controls:** Integrated into PLC (Programmable Logic Controller) modules for sensor feedback. --- ### 4. Circuit Symbol Representation In a schematic diagram, the 2310-R would be represented as follows: ```circuit R1 (2310-R) -----[ 10k Ohm ]----- Tol: 0.1% ``` ---
    ✨ Follow-up Questions
    • ⤷ Is the 2310-R you are referring to a Keithley instrument or a specific SMD component?
    • ⤷ What is the specific resistance or inductance value required for your circuit?
    • ⤷ Are you looking for a datasheet or pinout diagram for this part?