2294700-R
AI

The part number **2294700-R** generally refers to a specific series of high-performance **Micro-D connectors** or specialized cabling components, often manufactured by companies like **TE Connectivity** or specialized hardware vendors. In the context of electronic components, this part is typically associated with high-density interconnect systems.
---
## Technical Overview
The 2294700-R is a high-reliability component designed for environments where space is limited and signal integrity is critical. Below is a breakdown of its primary electronic and mechanical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Micro-D (Subminiature D) Connector / Cable Assembly |
| **Number of Positions** | Typically 9 to 37 positions (depending on specific dash number) |
| **Pitch** | 0.050" (1.27 mm) centers |
| **Current Rating** | ~3 Amps per contact |
| **Operating Temp** | -55°C to +125°C |
| **Termination** | Solder cup, pre-wired, or PCB mount |
---
## Key Components & Construction
### 1. Housing and Shielding
The "-R" suffix often denotes **RoHS Compliance** (Restriction of Hazardous Substances). The shell is usually made of aluminum alloy with electroless nickel plating, providing excellent EMI/RFI shielding to protect sensitive electronic signals from interference.
### 2. Contacts (Pins/Sockets)
* **Material:** Beryllium copper or gold-plated copper alloy.
* **Design:** Uses a "Twist Pin" system which provides multiple points of contact, ensuring a stable electrical connection even under extreme vibration or shock.
### 3. Dielectric Insulator
Typically made of **Polyphenylene Sulfide (PPS)** or similar high-grade liquid crystal polymers. This provides high dielectric strength and resistance to chemicals.
---
## Applications
Electronic parts in this category are rarely used in consumer electronics. Instead, they are found in:
* **Aerospace & Defense:** Avionics, missile guidance systems, and satellite communications.
* **Medical Equipment:** Portable imaging devices and diagnostic tools.
* **Industrial Automation:** High-density robotics and sensors.
---
## Part Number Breakdown (General)
| Segment | Meaning |
| :--- | :--- |
| **2294700** | Base series number identifying the physical footprint and contact arrangement. |
| **-R** | Indicates RoHS compliance (Lead-free materials). |
- ⤷
What are the specific mounting options for the 2294700-R series?
- ⤷ How does the 'Twist Pin' contact technology compare to standard stamped contacts?
- ⤷ Is there a specific datasheet available for the 37-pin variant of this part?