Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 2111663016

  • AI
    The part number **2111663016** typically identifies a specific **automotive wiring harness** or connector sub-assembly, often associated with heavy-duty vehicles (specifically Volvo and Mack trucks). Below is a detailed breakdown of its technical classification and components. --- ## 1. Component Overview This part is part of the electrical distribution system. It is designed to interface between the vehicle's Main Control Units (ECUs) and peripheral sensors or actuators. | Attribute | Specification | | :--- | :--- | | **Manufacturer** | Volvo / Mack Trucks | | **Category** | Electrical / Wiring Harness | | **Voltage Range** | 12V - 24V DC | | **Material** | High-temp PVC/Nylon insulation with Copper conductors | | **Primary Function** | Signal transmission and power distribution | --- ## 2. Technical Composition The assembly consists of several key electronic sub-parts: ### A. Connectors and Pins * **Housing:** Typically made of glass-filled PBT (Polybutylene Terephthalate) for heat resistance. * **Terminals:** Tin or Gold-plated copper alloy pins to prevent oxidation in harsh environments. * **Seals:** Silicone rubber gaskets (weather-packing) to ensure an IP67 or IP69K waterproof rating. ### B. Wiring and Insulation * **Gauge:** Varies depending on the circuit (typically 18 AWG for signals, 12-14 AWG for power). * **Shielding:** Some versions include twisted-pair wiring to reduce Electromagnetic Interference (EMI) for CAN-bus data lines. --- ## 3. Application and Usage In commercial vehicles, this part is usually found in the following systems: 1. **Chassis Lighting:** Controlling tail lights, markers, and auxiliary signals. 2. **Sensor Interface:** Connecting ABS sensors or frame-mounted pressure transducers to the main harness. 3. **Engine Peripherals:** Managing secondary electrical components located away from the main engine block. ### Maintenance Note ```bash # Common Diagnostic Steps for Harness 2111663016: 1. Inspect for "green crust" (corrosion) inside the connector pins. 2. Perform a continuity test using a Multimeter set to Ohms (Ω). 3. Check for insulation chafing against the vehicle chassis. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific vehicle model compatibility for this part number?
    • ⤷ Can you provide the pin-out diagram for the 2111663016 connector?
    • ⤷ What are the common failure symptoms associated with this wiring harness?