Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 2-K6-R

  • AI
    The term **2-K6-R** is typically associated with a specific electronic component: a **Resistor**. In the industry standard nomenclature for surface-mount technology (SMT) and precision electronics, this code describes the component's resistance value and tolerance. ### 1. Decoding the Code "2-K6-R" In electronic labeling (specifically BS 1852 or IEC 60062), letters are used to replace the decimal point to prevent errors in reading faded markings. | Code Segment | Meaning | Detail | | :--- | :--- | :--- | | **2K6** | Resistance Value | **2.6 kΩ** (2,600 Ohms) | | **R** | Position of Decimal | In some contexts, 'R' indicates Ohms, but here it often refers to **RoHS Compliance** or **Tape & Reel** packaging. | | **K** | Multiplier | Indicates Kilo (10³). Positioned as a decimal: 2.6k. | --- ### 2. Technical Specifications While "2-K6-R" identifies the value, the actual part (often manufactured by companies like **Vishay**, **Yageo**, or **Panasonic**) usually falls into these categories: * **Component Type:** Fixed Resistor. * **Technology:** Thick Film or Metal Film. * **Common Package Size:** 0603, 0805, or 1206 (SMD). * **Tolerance:** Commonly ±1% (F) or ±5% (J). * **Power Rating:** Usually 0.1W (1/10th Watt) to 0.25W (1/4 Watt) depending on the physical size. --- ### 3. Usage in Circuits A 2.6k Ohm resistor is used in various electronic applications: 1. **Voltage Dividers:** To scale down a voltage to a specific level for analog-to-digital converters (ADCs). 2. **Current Limiting:** Protecting LEDs or sensitive transistors from overcurrent. 3. **Pull-up/Pull-down:** Ensuring digital logic pins stay at a defined high or low state when not actively driven. 4. **Signal Conditioning:** Used in RC filters to set specific frequency cut-offs. --- ### 4. Example Part Number Structure If you are looking for this part in a catalog (like Digi-Key or Mouser), the full manufacturer code might look like this: `RC0805FR-072K6L` * **RC0805:** 0805 Size. * **F:** 1% Tolerance. * **2K6:** 2.6 kOhms. * **L/R:** RoHS Compliant / Lead-free.
    ✨ Follow-up Questions
    • ⤷ What is the physical size difference between an 0603 and an 0805 resistor?
    • ⤷ How do I calculate the power dissipation for a 2.6k resistor in a 5V circuit?
    • ⤷ What is the color code for a 2.6k Ohm through-hole resistor?