Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 1MD06-059-08

  • AI
    The part number **1MD06-059-08** typically refers to a high-performance **Thermoelectric Cooler (TEC)**, also known as a Peltier module, manufactured by **II-VI Incorporated (now Coherent)**. These components are used for precise temperature control in optoelectronic and telecommunication applications. --- ## 1. Technical Specifications The "1MD06" series is characterized by its miniature footprint and specific cooling capacities. Below are the typical estimated specifications for this series: | Parameter | Value/Description | | :--- | :--- | | **Type** | Single-Stage Thermoelectric Cooler | | **Maximum Temperature Difference ($\Delta T_{max}$)** | ~67°C to 72°C (at $T_{hot}$ = 27°C) | | **Maximum Cooling Power ($Q_{max}$)** | Varies by size (approx. 2.0W - 5.0W) | | **Maximum Current ($I_{max}$)** | ~2.5A to 4.0A | | **Maximum Voltage ($V_{max}$)** | ~2.5V to 3.8V | | **Surface Finish** | Lapped or Gold-plated (depending on sub-version) | --- ## 2. Part Number Breakdown While manufacturer coding is proprietary, the alphanumeric string generally represents the following: * **1MD**: Single-stage Micro-module. * **06**: Designates the physical size or number of couples (pairs of P-N junctions). * **059**: Specific thickness or performance characteristic identifier. * **08**: Indicates the lead wire configuration or specific assembly tolerance. --- ## 3. Key Features * **Precision Cooling:** Capable of maintaining temperatures within $\pm$0.01°C when used with a thermistor and controller. * **Compact Size:** Designed for integration into small packages like **TO-cans** or **Butterfly packages**. * **Solid State:** No moving parts, ensuring long-term reliability and silent operation. * **RoHS Compliant:** Built using environmentally friendly materials, suitable for global standards. --- ## 4. Typical Applications These modules are essential in industries where heat dissipation or temperature stabilization is critical: 1. **Laser Diode Cooling:** Stabilizing the wavelength of telecommunication lasers. 2. **Infrared Sensors:** Reducing thermal noise in high-sensitivity IR detectors. 3. **Laboratory Equipment:** Precise cooling for PCR or chemical analysis samples. 4. **CCD Cameras:** Cooling image sensors to reduce "dark current" noise in long-exposure photography. --- ## 5. Handling Precautions > **Warning:** Thermoelectric modules are fragile and sensitive to thermal shock. * **Heat Sinking:** Never apply power to a TEC without a proper heat sink on the hot side; the device will overheat and fail within seconds. * **Compression:** Apply even pressure across the surface during mounting to ensure optimal thermal contact. * **Moisture:** Ensure the module is sealed or used in a dry environment to prevent condensation from causing short circuits.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the 1MD06 series?
    • ⤷ How should I mount a 1MD06-059-08 to a laser diode package?
    • ⤷ Are there multi-stage versions of this Peltier module available?