Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 1K7AN-R

  • AI
    The part number **1K7AN-R** typically refers to a specialized electronic component, most commonly identified as a **high-precision, high-voltage thick film resistor** or a specific **switching diode/transistor** variant depending on the manufacturer (most notably associated with brands like *KOA Speer* or *Vishay* in specific coding formats). Below is a breakdown of the technical characteristics and typical specifications associated with this class of component. --- ### 1. General Specifications If we categorize this as a precision resistor (the most common application for this alphanumeric string), the specifications are generally as follows: | Feature | Description | | :--- | :--- | | **Component Type** | Thick Film Chip Resistor / High Voltage Resistor | | **Resistance Value** | 1.7 kΩ (1K7) | | **Tolerance** | ±0.05% to ±0.1% (N-suffix often denotes precision) | | **Power Rating** | 0.1W to 0.25W (depending on package size) | | **Temperature Coefficient** | ±25 ppm/°C to ±100 ppm/°C | | **Packaging** | Tape and Reel (-R suffix) | --- ### 2. Part Number Breakdown Electronic components follow a specific nomenclature. Here is how "1K7AN-R" is typically decoded: * **1K7**: The resistance value. "K" acts as the decimal point for Kilo-ohms. $1.7 \text{ k}\Omega = 1700 \Omega$. * **A**: Often designates the temperature coefficient (TCR) or a specific power rating code. * **N**: Usually represents the tolerance (in some naming conventions, N is used for very tight tolerances like 0.05%). * **-R**: Standard industry suffix for **RoHS Compliant** and **Tape & Reel** packaging. --- ### 3. Key Applications Components with these specific tolerances and values are used in precision-critical environments: 1. **Voltage Dividers:** Used in feedback loops for power supplies to maintain a steady output. 2. **Medical Instrumentation:** High-precision resistors are required for accurate sensor readings in diagnostic tools. 3. **Industrial Controls:** Used in PLC (Programmable Logic Controller) analog input modules. 4. **Automotive Electronics:** Sensors and ECU (Engine Control Unit) mapping where thermal stability is required. --- ### 4. Technical Considerations When replacing or designing with this part, consider the following: * **Package Size:** Ensure the SMD (Surface Mount Device) footprint matches (e.g., 0603, 0805, or 1206). * **Voltage Rating:** If used in high-voltage circuits, verify the Maximum Working Voltage (MWV). * **Derating Curve:** Power dissipation capability drops as the ambient temperature rises above 70°C.
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produced your specific 1K7AN-R component?
    • ⤷ What is the physical package size (e.g.
    • ⤷ 0805
    • ⤷ 1206) of the part?
    • ⤷ Are you looking for an equivalent replacement or a datasheet?