Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 16114-R

  • AI
    The part number **16114-R** typically refers to a specialized electronic component, most commonly associated with **surface-mount (SMD) power inductors** or specific **automotive-grade connectors/sensors**. Based on industry standards, here is the breakdown of the technical aspects for the most common electronic part identified by this number (specifically the high-current inductor variant). --- ## 1. Technical Specifications This component is generally designed for power management circuits where high current and low DC resistance (DCR) are required. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Fixed Inductor / Power Choke | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Inductance** | Varies by sub-suffix (often 0.1µH to 10µH) | | **Core Material** | Ferrite or Composite Powder | | **Shielding** | Shielded (to prevent EMI interference) | | **Operating Temp** | -40°C to +125°C (Automotive Grade) | --- ## 2. Key Features * **High Saturation Current:** Designed to handle peak currents without the magnetic core losing its inductive properties. * **Low Profile:** The "16114" often refers to the physical dimensions (e.g., approximately 16mm x 11.4mm footprint). * **RoHS Compliant:** The **"-R"** suffix almost universally signifies **RoHS Compliance** (Restriction of Hazardous Substances), meaning it is lead-free. * **Thermal Stability:** Built to maintain performance under high-heat environments, such as engine control units (ECUs) or high-density power supplies. --- ## 3. Common Applications These parts are integral to modern power electronics. You will typically find them in: 1. **DC-DC Converters:** Used for voltage regulation in laptops, servers, and industrial equipment. 2. **Automotive Electronics:** Powering infotainment systems, LED lighting drivers, and ADAS modules. 3. **Consumer Electronics:** High-efficiency power stages for gaming consoles and large-scale displays. --- ## 4. Part Number Decoding (Standard Format) While manufacturers vary, the part number usually breaks down as follows: ```text 16114 - R | | | +--> RoHS Compliant / Tape & Reel Packaging +--------> Series/Size Code (Length 16mm, Width 11.4mm approx.) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the 16114-R variant you are looking for?
    • ⤷ Are you seeking a cross-reference or equivalent part from a different manufacturer?
    • ⤷ Is this part being used in an automotive or industrial application?