Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 1545-R3BK

  • AI
    Based on the part number provided, **1545-R3BK** typically refers to a high-quality **instrument enclosure** or chassis, often manufactured by companies like **Hammond Manufacturing**. While the item itself is a mechanical housing, it is designed specifically to protect and integrate electronic components. Below is a detailed breakdown of its features and technical specifications. --- ## 1. Technical Specifications The 1545 series is known for its "Sloping Console" design, which is ideal for desktop electronic equipment, controllers, and musical gear. | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (Lightweight and conductive for EMI shielding) | | **Finish** | Black Powder Coat (BK suffix) | | **Design Type** | Sloping Front / Console Enclosure | | **Dimensions** | Approx. 15" x 4.5" (Varies by specific series revision) | | **Construction** | Two-piece (Top/Front and Bottom/Rear) | --- ## 2. Key Electronic Functions Even though it is a "part," its design serves several critical electronic purposes: ### A. Electromagnetic Interference (EMI) Shielding Because the 1545-R3BK is constructed from aluminum, it acts as a **Faraday Cage**. This protects the sensitive internal electronic circuits (like PCBs or microcontrollers) from external radio frequency interference and prevents the device from emitting noise to other electronics. ### B. Thermal Management Aluminum is an excellent thermal conductor. In high-power electronic projects, the chassis itself can act as a secondary **heat sink**, dissipating heat generated by internal power transistors or voltage regulators to the surrounding air. ### C. Grounding Point The metal surface allows for a common electrical ground. By using star-washers and grounding lugs, the "BK" (Black) powder coat can be bypassed to ensure the entire chassis is at 0V potential for safety and noise reduction. --- ## 3. Typical Application Components Users often install the following electronic parts inside this specific enclosure: * **Human-Machine Interfaces (HMI):** 16x2 LCDs, OLED screens, or touch panels mounted on the sloped front. * **Input Controls:** Potentiometers, rotary encoders, and heavy-duty toggle switches. * **Connectors:** Rear-mounted XLR, TRS, or DC power jacks. * **Internal Hardware:** Arduino/Raspberry Pi boards, custom PCBs on standoffs, and toroidal transformers. --- ## 4. Part Number Breakdown * **1545:** The base series (Sloping Aluminum Console). * **R3:** Size/Version designation (determines width and depth). * **BK:** Finish code (Black).
    ✨ Follow-up Questions
    • ⤷ What are the exact physical dimensions of the 1545-R3BK enclosure?
    • ⤷ Are there internal mounting rails or standoffs included with this model?
    • ⤷ What is the thickness of the aluminum used in this chassis?