Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 127MDCL202KFK

  • AI
    The part number **127MDCL202KFK** refers to a high-performance **Film Capacitor**, typically utilized in power electronics, induction heating, and high-frequency resonant circuits. It belongs to a category of capacitors designed for high current and medium-voltage applications. --- ## Technical Specifications The alphanumeric code contains specific data regarding the capacitor's capacity, voltage rating, and physical tolerance. | Specification | Value/Description | | :--- | :--- | | **Capacitance** | 120 µF (Microfarads) | | **Voltage Rating** | 2000 VDC (or equivalent AC depending on series) | | **Tolerance** | ±10% (Indicated by the "K" suffix) | | **Dielectric Material** | Polypropylene Film | | **Mounting Type** | Typically Chassis Mount or Bolt-on terminals | --- ## Key Characteristics ### 1. Dielectric Material This part uses **Metallized Polypropylene (PP)**. Polypropylene is preferred for high-power applications because it has a very low dissipation factor (low heat generation) and high dielectric strength. ### 2. Self-Healing Property As a metallized film capacitor, it possesses "self-healing" properties. If a microscopic breakdown occurs in the dielectric, the thin metal layer evaporates around the point of failure, clearing the short circuit and allowing the capacitor to continue functioning. ### 3. High Current Handling The "MDC" series (often associated with brands like Illinois Capacitor/Cornell Dubilier) is designed to handle high peak currents ($I_{peak}$) and high RMS currents, making them ideal for snubbing and filtering. --- ## Common Applications * **DC Link Filtering:** Used in DC-to-AC inverters to smooth out voltage fluctuations. * **Induction Heating:** Used in resonant tank circuits to handle high-frequency oscillations. * **Renewable Energy:** Found in solar inverters and wind power converters. * **Electric Vehicle (EV) Chargers:** High-voltage DC filtering in fast-charging stations. * **Pulse Power:** Applications requiring rapid energy discharge. --- ## Safety and Handling Due to the high capacitance (**120 µF**) and high voltage (**2000V**), this component can store a **lethal amount of energy** even after power has been disconnected. * **Discharge:** Always use a high-wattage resistor to discharge the capacitor safely before handling. * **Mounting:** Ensure the terminals are torqued correctly to prevent arcing or overheating due to contact resistance.
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions and terminal types for this specific capacitor series?
    • ⤷ How does the 'self-healing' mechanism affect the lifespan of the 127MDCL202KFK?
    • ⤷ Can this capacitor be used in AC applications
    • ⤷ or is it strictly for DC-Link?