Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 1210F-R18

  • AI
    The **1210F-R18** is a specific designation for a Surface Mount Device (SMD) inductor, typically categorized as a chip inductor or power inductor depending on the series construction. ### Technical Specification Breakdown The alphanumeric code provides specific details about the component's physical and electrical properties: | Parameter | Identifier | Explanation | | :--- | :--- | :--- | | **Case Size** | **1210** | Dimensions in inches: 0.12 x 0.10 inches (approx. 3.2 x 2.5 mm). | | **Tolerance** | **F** | Indicates a tolerance of **±1%**. This is a high-precision rating. | | **Inductance** | **R18** | The "R" acts as a decimal point. **0.18 µH** (180 nH). | --- ### Core Characteristics #### 1. Physical Construction * **Mounting:** SMD (Surface Mount Device). * **Materials:** Often features a wire-wound ceramic core or a ferrite core, depending on the specific manufacturer (like Bourns, Delevan, or Fastron). * **Termination:** Usually tin-plated over a nickel barrier to ensure reliable soldering. #### 2. Electrical Performance * **High Q Factor:** Because it is often a wire-wound component, it maintains low losses at high frequencies. * **Self-Resonant Frequency (SRF):** Due to the low inductance (0.18 µH), this part typically has a very high SRF, making it suitable for high-frequency RF applications. * **Current Rating:** Usually rated for high DC currents (often between 500mA to 1A depending on the specific series). --- ### Common Applications These parts are generally found in circuits where precision and space-saving are critical: 1. **RF Circuits:** Used for impedance matching and resonance in wireless communication modules. 2. **Filtering:** Acts as a high-frequency noise filter in power management circuits. 3. **Decoupling:** Prevents high-frequency interference from affecting sensitive integrated circuits (ICs). 4. **Signal Conditioning:** Used in high-speed data lines to maintain signal integrity. --- ### Comparison with Similar Sizes | Feature | 1210 Size | 0805 Size | | :--- | :--- | :--- | | **Footprint** | 3.2 x 2.5 mm | 2.0 x 1.25 mm | | **Power Handling** | Higher (More surface area) | Lower | | **Typical Use** | Power/High-Freq RF | General Signal Logic |
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for a standard 1210F-R18 inductor?
    • ⤷ How does the 'F' tolerance compare to 'J' or 'K' tolerances in inductors?
    • ⤷ Which manufacturers are the primary suppliers for this specific part number?