Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 1143-R

  • AI
    The **1143-R** typically refers to a specific series of high-frequency or high-reliability electronic components, most commonly associated with **RF (Radio Frequency) connectors** or specialized **electronic hardware** used in aerospace and industrial sectors. Below is a breakdown of the technical aspects related to parts categorized under the 1143-R designation. --- ### 1. Primary Identification: RF Connectors The most frequent application for "1143-R" is in the realm of **SMA (Sub-Miniature version A)** connectors. These are semi-precision coaxial RF connectors used as interface elements for microwave frequencies. | Feature | Specification Details | | :--- | :--- | | **Impedance** | 50 Ohms (Standard) | | **Frequency Range** | DC to 18 GHz (up to 26.5 GHz for high-grade versions) | | **Material** | Usually Stainless Steel or Gold-plated Brass | | **Insulation** | PTFE (Teflon) | | **Coupling Mechanism** | Threaded (1/4"-36 thread) | ### 2. Physical Design Characteristics The "R" suffix often denotes specific mechanical configurations. Depending on the manufacturer (such as Amphenol, Molex, or specialized aerospace suppliers), the 1143-R series usually features: * **Right-Angle Configuration:** The "R" frequently stands for **Right-Angle**, allowing for cable connections in tight spaces where a straight plug is not feasible. * **Reverse Polarity (RP):** In some wireless networking contexts, "R" indicates Reverse Polarity, where the center pin and sleeve are swapped to comply with FCC regulations. * **Bulkhead Mounting:** Many 1143-R parts are designed to be mounted through a panel or "bulkhead" using a nut and washer. ### 3. Application Areas These parts are engineered for high-vibration and high-performance environments: 1. **Telecommunications:** Base stations, antennas, and Wi-Fi equipment. 2. **Aerospace:** Radar systems and satellite communication links. 3. **Medical Equipment:** High-frequency imaging and diagnostic tools. 4. **Test & Measurement:** Oscilloscopes and signal generators. --- ### 4. Technical Comparison: Standard vs. 1143-R Series | Component Type | Durability (Cycles) | Operating Temp | Mounting Type | | :--- | :--- | :--- | :--- | | **Standard SMA** | 500 | -65°C to +165°C | Crimp/Solder | | **1143-R Series** | 500 - 1000 | -65°C to +165°C | Right-Angle/PCB |
    ✨ Follow-up Questions
    • ⤷ Is the 1143-R part you are looking for a specific manufacturer like Amphenol or Hirose?
    • ⤷ Are you looking for the PCB footprint dimensions for this component?
    • ⤷ Do you need the specific torque requirements for installing 1143-R connectors?