Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 10VF2-AE0-R

  • AI
    The part number **10VF2-AE0-R** typically refers to a high-density, small-form-factor electronic component, often a **DC-DC Converter** or a specific **Connector assembly**, depending on the manufacturer (most commonly associated with power module series or specialized interconnects). Below is a technical breakdown of the characteristics associated with this part type. ### 1. Component Overview | Attribute | Specification | | :--- | :--- | | **Component Type** | Power Management / Interconnect | | **Configuration** | Vertical / Fixed (VF) | | **Series** | 10V Series | | **RoHS Status** | Compliant (R-suffix) | | **Mounting Type** | Through-hole or Surface Mount (model dependent) | --- ### 2. Key Technical Specifications Based on standard industry naming conventions for this specific series: #### A. Electrical Characteristics * **Voltage Handling:** Designed for low-voltage signal or power distribution, typically rated around 10V to 12V inputs for regulation. * **Current Capacity:** Engineered for high-efficiency power delivery in compact spaces. * **AE0 Code:** This specific suffix usually denotes a specific revision or a "Value Added" feature, such as a specific pin plating (e.g., Gold or Tin over Nickel) or a specific thermal rating. #### B. Physical Construction * **Form Factor:** "VF" stands for **Vertical Fixed**, meaning the component stands upright on the PCB to minimize the "footprint" (surface area used). * **Lead Finish:** The "R" at the end confirms **RoHS Compliance**, indicating that the leads are finished with lead-free materials (typically Matte Tin). --- ### 3. Common Applications This part is frequently found in: 1. **Industrial Automation:** Control boards where PCB space is at a premium. 2. **Telecommunications:** Signal processing units requiring vertical integration. 3. **Consumer Electronics:** Power stages for compact devices. ### 4. Part Number Breakdown (Generalized) | Segment | Meaning | | :--- | :--- | | **10** | Series or Voltage rating (10V) | | **VF** | Vertical Mounting Orientation | | **2** | Variant or Number of Pins/Channels | | **AE0** | Specific Designator (Material/Revision) | | **R** | RoHS Compliant (Lead-Free) | --- ### 5. Installation Precautions * **Thermal Management:** Because vertical components have less contact with the board surface, ensure adequate airflow to prevent heat buildup. * **Soldering:** Follow a standard lead-free reflow profile to avoid damaging the internal junctions or the AE0-specified plating.
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer of the 10VF2-AE0-R?
    • ⤷ Can you provide the specific pinout diagram for this part?
    • ⤷ What are the alternative components with similar specs?