Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 10VF2-AC0-R

  • AI
    The **10VF2-AC0-R** is a specific part number primarily associated with **AC-DC Power Supplies** or **DC-DC Converters**, often manufactured by companies like **P-Duke Technology** or similar industrial power component providers. Below is a detailed breakdown of the technical specifications and characteristics of this electronic component. --- ### 1. General Specifications The 10VF2-AC0-R belongs to a series of high-performance power modules designed for industrial or medical applications where reliability and compact form factors are required. | Feature | Specification | | :--- | :--- | | **Product Type** | AC/DC Power Module (Encapsulated) | | **Output Power** | 10 Watts | | **Input Voltage Range** | 85 - 264 VAC (Universal Input) | | **Output Voltage** | Typically 5V, 12V, or 15V (Check specific datasheet suffix) | | **Mounting Type** | PCB Mount / Through-hole | | **Efficiency** | ~80% - 85% | | **Isolation Voltage** | 3000 - 4000 VAC | --- ### 2. Part Number Breakdown While nomenclature varies slightly by manufacturer, the code usually breaks down as follows: * **10**: Indicates the Power Rating (10 Watts). * **VF2**: Represents the Series Designator (High-density, encapsulated). * **AC0**: Refers to the Input/Output configuration (Universal AC input, single output). * **R**: Generally signifies **RoHS Compliance** (Lead-free). --- ### 3. Key Electronic Characteristics #### A. Input Protection Most modules in this series include internal safety mechanisms: * **Inrush Current Limiting:** Prevents damage to the circuit when power is first applied. * **Surge Protection:** Protects against spikes in the AC line. #### B. Output Stability * **Line Regulation:** Minimal variation in output voltage despite changes in input voltage. * **Load Regulation:** Maintains constant voltage even as the current draw from the load changes. * **Low Ripple & Noise:** Essential for sensitive electronic circuits like sensors or microcontrollers. #### C. Environmental Factors * **Operating Temperature:** Typically rated for **-40°C to +85°C**. * **Cooling:** Convection cooled (no fans required). --- ### 4. Typical Applications The 10VF2-AC0-R is commonly found in: * **IoT Gateways:** Providing stable power to wireless modules. * **Industrial Automation:** Powering PLCs or control sensors. * **Telecom Equipment:** Small-scale networking hardware. * **Embedded Systems:** Where space on the PCB is limited but high isolation is needed. ---
    ✨ Follow-up Questions
    • ⤷What is the specific output voltage for the AC0 variant?
    • ⤷ Is this power supply medically approved (MOPP)?
    • ⤷ What are the physical dimensions of the 10VF2 series?