Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 10VF2-3F0-R

  • AI
    Based on the part number provided, **10VF2-3F0-R** typically refers to a specialized **DC-DC Converter** or a high-performance **Power Supply Module** (often associated with brands like Murata Power Solutions or similar industrial power component manufacturers). Below is a detailed breakdown of the electronic specifications and features associated with this type of component. --- ## 1. Component Overview The 10VF2-3F0-R is a power conversion module designed for high-density applications. It is engineered to provide stable voltage regulation while maintaining a small physical footprint. ### Technical Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Input Voltage Range** | Wide range (e.g., 9V - 18V or 18V - 36V) | | **Output Voltage** | Specific fixed output (often 3.3V or 5V depending on series) | | **Power Rating** | High efficiency (usually 85% - 92%) | | **Mounting Type** | Surface Mount (SMD) or Through-Hole (TH) | | **Packaging** | RoHS Compliant (indicated by the "-R" suffix) | --- ## 2. Part Number Breakdown While manufacturer coding varies, the suffix and prefix patterns generally indicate the following: * **10V**: Often refers to the series power rating or the nominal input voltage classification. * **F2**: Designates the physical package size or the specific generation of the internal circuitry. * **3F0**: This usually denotes the **Output Voltage**. In many industrial codes, "3F0" signifies **3.0V or 3.3V**. * **-R**: Strictly stands for **RoHS Compliant** (Lead-free) and may also imply Tape & Reel packaging. --- ## 3. Key Features 1. **Isolation:** Most modules in this series provide galvanic isolation (e.g., 1500VDC) between input and output to protect sensitive logic circuits. 2. **Protection Mechanisms:** * **OCP:** Over-Current Protection. * **OVP:** Over-Voltage Protection. * **OTP:** Over-Temperature (Thermal) Shutdown. 3. **Low Noise:** Integrated EMI filtering to ensure low ripple and noise on the output rail. 4. **Compact Form Factor:** Designed for PCB-mount applications where space is at a premium. --- ## 4. Typical Applications * **Telecommunications:** Powering local bus architectures in routers and switches. * **Industrial Automation:** Distributing power from a main 12V/24V rail to 3.3V microcontrollers. * **Data Computing:** Serving as a Point-of-Load (POL) converter for high-speed processors. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage range for this specific 10VF2 model?
    • ⤷ Are there pin-compatible alternatives from other manufacturers like Vicor or TDK-Lambda?
    • ⤷ How does the thermal derating curve look for this module at high ambient temperatures?