Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 10TS-6F0-R

  • AI
    The **10TS-6F0-R** is a high-performance **Fiber Optic Transceiver** module, typically used in enterprise networking and telecommunications. It is designed to convert electrical signals into optical signals (and vice-versa) for high-speed data transmission over long distances. --- ## 1. Technical Specifications Below is a summary of the core technical parameters for this specific module: | Parameter | Description | | :--- | :--- | | **Form Factor** | SFP+ (Small Form-factor Pluggable Plus) | | **Data Rate** | 10 Gbps (Gigabit per second) | | **Wavelength** | 1310 nm (Typically) | | **Connector Type** | Duplex LC | | **Media Type** | Single-Mode Fiber (SMF) | | **Max Distance** | Up to 10 km | | **Operating Voltage** | 3.3V | --- ## 2. Key Internal Electronic Components To understand the "electronic parts" of the 10TS-6F0-R, we must look at the sub-assemblies inside the metal housing: ### A. TOSA (Transmitter Optical Sub-Assembly) This is the "heart" of the transmission side. It contains: * **Laser Diode:** Usually a DFB (Distributed Feedback) laser that converts electrical current into light pulses. * **Monitor Photodiode:** Ensures the laser output remains stable across different temperatures. ### B. ROSA (Receiver Optical Sub-Assembly) This handles the incoming optical signal: * **Photodetector (PIN or APD):** Converts incoming light pulses back into an electrical current. * **TIA (Transimpedance Amplifier):** Amplifies the very weak current from the photodiode into a usable voltage signal. ### C. The PCBA (Printed Circuit Board Assembly) The internal circuit board contains several critical ICs: * **Laser Driver:** Controls the TOSA, modulating the laser at 10Gbps speeds. * **Limiting Amplifier:** Cleans up the signal from the ROSA to ensure a clean digital output. * **EEPROM:** Stores the module’s identification, vendor name, serial number, and configuration data. * **MCU (Microcontroller):** Manages the **DDM (Digital Diagnostic Monitoring)**, which allows network admins to monitor real-time parameters like temperature, laser bias current, and optical power. --- ## 3. Application and Usage The "10TS" prefix usually indicates **10 Gigabit** capability, and the "6F0" series is often associated with high-reliability industrial or telecommunication standards (frequently found in brands like **Ciena** or generic high-spec compatible vendors). * **Switch-to-Switch Uplinks:** Connecting core switches in a data center. * **Long-Haul Networking:** Connecting buildings that are several kilometers apart. * **High-Bandwidth Storage:** Used in Storage Area Networks (SAN). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Single-Mode (SMF) and Multi-Mode (MMF) versions of this transceiver?
    • ⤷ How does the Digital Diagnostic Monitoring (DDM) function work in this module?
    • ⤷ Is the 10TS-6F0-R hot-swappable in a live network switch?