Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 10SP-166-R

  • AI
    The **10SP-166-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Power Inductor**. These components are essential in power management circuits for filtering and energy storage. --- ## 1. Component Specifications The "10SP" series generally refers to high-current, shielded drum core inductors. Below are the typical technical characteristics for this part number: | Feature | Specification (Typical) | | :--- | :--- | | **Inductance** | 166 µH (Microhenries) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Shielding** | Shielded (Low EMI interference) | | **Core Material** | Ferrite | | **Termination** | RoHS Compliant (indicated by the "-R") | | **Application** | DC-DC Converters, Power Supplies | --- ## 2. Key Functions The 10SP-166-R performs three primary roles within an electronic assembly: * **Energy Storage:** It stores energy in a magnetic field when current flows through it, which is crucial for switching regulators. * **Noise Filtering:** It acts as a low-pass filter, smoothing out high-frequency ripples in the output voltage to provide "clean" power to sensitive ICs. * **Impedance Matching:** Used to manage the flow of alternating current (AC) while allowing direct current (DC) to pass. --- ## 3. Physical Characteristics and Manufacturing The suffix and prefix in the part number often provide clues about its physical build: ### Shielded Construction The "SP" often denotes a **Shielded Power** inductor. This means the ferrite core is enclosed, preventing the magnetic field from interfering with neighboring components on the PCB, which is vital for compact devices like laptops or medical equipment. ### RoHS Compliance The **-R** at the end signifies that the part is **RoHS Compliant**. This means it is manufactured without hazardous materials like lead, mercury, or cadmium, meeting international environmental standards. --- ## 4. Common Use Cases You will typically find the 10SP-166-R in the following environments: 1. **Consumer Electronics:** Power stages of LED TVs and game consoles. 2. **Telecommunications:** Base stations and networking hubs where signal integrity is key. 3. **Industrial:** Distributed power systems and motor control circuits.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irat) for the 10SP series?
    • ⤷ How does a shielded inductor differ from an unshielded one in terms of performance?
    • ⤷ What are the recommended soldering profiles for SMD inductors with an -R suffix?