Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 10PV-7C6-R

  • AI
    The part number **10PV-7C6-R** typically refers to a high-voltage, stackable, or specialized high-frequency capacitor, often associated with manufacturers like **Murata** or specialized high-voltage ceramic component producers. Below is a detailed breakdown of the technical characteristics and typical applications for this type of component. --- ### 1. Component Specifications While exact specifications can vary slightly by manufacturer series, the nomenclature generally follows this structure: | Feature | Description | | :--- | :--- | | **Category** | High Voltage Ceramic Capacitor / Focus on Pulsed Power | | **Capacitance Value** | Typically indicates a specific picofarad (pF) or nanofarad (nF) rating based on the "7C6" code. | | **Voltage Rating** | Designed for high-voltage environments (often 10kV to 15kV range). | | **Termination** | Radial leaded or bolt-on (depending on the "PV" series designation). | | **RoHS Status** | The suffix **-R** usually confirms RoHS (Restriction of Hazardous Substances) compliance. | ### 2. Physical & Material Properties High-voltage components like the 10PV-7C6-R are engineered to prevent electrical breakdown: * **Dielectric Material:** Usually Class I (NP0/C0G) for stability or Class II (X7R/X7T) for higher density. * **Coating:** Encapsulated in flame-retardant epoxy resin to prevent arcing and moisture ingress. * **Dimensions:** Larger than standard surface-mount parts to maintain sufficient creepage and clearance distances between terminals. ### 3. Typical Applications These parts are rarely found in consumer electronics; they are reserved for industrial and scientific equipment: 1. **Laser Power Supplies:** Used in the discharge circuits of CO2 or Excimer lasers. 2. **X-Ray Machines:** High-voltage smoothing in medical imaging generators. 3. **Electrostatic Precipitators:** Used in industrial air filtration to maintain high-voltage fields. 4. **Voltage Multipliers:** Common in "Cockcroft-Walton" generator circuits to step up AC to very high DC voltages. --- ### 4. Technical Comparison If choosing between the **10PV** series and standard ceramic discs: | Feature | Standard Disc Capacitor | 10PV-7C6-R Series | | :--- | :--- | :--- | | **Voltage Stress** | Low to Moderate | High (Pulsed/Continuous) | | **Reliability** | General Purpose | Industrial Grade | | **Size** | Small | Large (due to insulation) | | **Cost** | Low | High |
    ✨ Follow-up Questions
    • ⤷ What is the exact capacitance value of the 7C6 code?
    • ⤷ What are the recommended mounting precautions for high-voltage radial capacitors?
    • ⤷ Can this part be used in high-frequency induction heating applications?