1034
AI

It appears you are referring to the **1034** series of electronic components. In the electronics industry, "1034" most commonly refers to specific transistors, battery cells, or integrated circuit packages.
Below is a breakdown of the most common electronic parts associated with the number 1034.
---
### 1. The 2SD1034 Transistor
The most frequent application of "1034" in component sourcing is the **2SD1034**, an NPN Power Transistor.
| Feature | Specification |
| :--- | :--- |
| **Type** | NPN Silicon Transistor |
| **Package** | TO-220 or TO-126 |
| **Collector-Emitter Voltage ($V_{ceo}$)** | 20V - 30V (Typical) |
| **Collector Current ($I_c$)** | 5A - 7A |
| **Primary Use** | High-current switching and power amplification |
### 2. The 10340 Lithium-Ion Battery
In the world of portable power, "1034" refers to the **10340** battery cell. The name is derived from its dimensions.
* **Diameter:** 10mm
* **Length:** 34mm
* **Chemistry:** Lithium-Ion (3.7V nominal)
* **Application:** Used in small LED flashlights, electronic cigarettes, and compact handheld devices where a standard AAA size is too large.
### 3. Surface Mount Device (SMD) Codes
Sometimes "1034" is printed as a marking code on small SMD resistors or diodes:
* **Resistors:** A resistor marked "1034" using the 4-digit coding system represents **103 x 10^4 Ω**, which equals **1.03 MΩ** (1.03 Megohms).
* **Date Codes:** On many ICs, "1034" indicates the part was manufactured in the **34th week of 2010**.
---
### Summary Comparison Table
| Part Category | Specific Name | Key Function |
| :--- | :--- | :--- |
| **Semiconductor** | 2SD1034 | High-speed power switching |
| **Power Cell** | 10340 Battery | Rechargeable energy storage |
| **Passive Component** | 1034 Resistor | 1.03 MΩ Resistance value |
---
- ⤷
Are you looking for the datasheet for the 2SD1034 transistor?
- ⤷ Do you need the pinout diagram for a specific 1034 component?
- ⤷ Is the 1034 part of a larger circuit board assembly you are repairing?