Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 1032

  • AI
    It appears you are referring to the **1032** series of electronic components. This number is most commonly associated with **Logic Gates (specifically the 74HC1032)** or **Power Inductors**. Below is a detailed breakdown of the two most common types of "1032" electronic parts. --- ### 1. The 74HC1032 IC (Quad 2-Input OR Gates) The 74HC1032 is a high-speed CMOS device. It contains four independent 2-input OR gates with **Schmitt-trigger inputs**, which makes it excellent for dealing with noisy signals. | Feature | Specification | | :--- | :--- | | **Logic Type** | OR Gate | | **Number of Gates** | 4 (Quad) | | **Voltage Range** | 2.0V to 6.0V | | **Output Current** | 5.2 mA | | **Propagation Delay** | ~12ns (at 5V) | **Key Application:** It is used in digital logic circuits to perform mathematical "OR" operations and to clean up slow-rising or jittery clock signals. --- ### 2. The 1032 Power Inductor In the context of surface-mount technology (SMT), "1032" often refers to the **physical dimensions** of a shielded power inductor (10mm x 10mm x 3.2mm). #### Characteristics: * **High Current Handling:** Designed to manage high saturation currents without overheating. * **Shielded Construction:** Features magnetic shielding to minimize Electromagnetic Interference (EMI). * **Applications:** * DC-DC Converters. * Notebook computers and servers. * Battery-powered portable devices. --- ### 3. Comparison of Common 1032 Components | Component Type | Primary Function | Packaging Type | | :--- | :--- | :--- | | **74HC1032 IC** | Logic Processing (OR) | SOIC, TSSOP, DIP | | **1032 Inductor** | Energy Storage / Filtering | SMD (Surface Mount) | | **NTE1032** | Audio Power Transistor | TO-3 (Metal Can) | --- ### Summary Checklist for Identification If you are looking at a physical part and aren't sure which one it is, check these features: 1. **Is it a flat square with two solder pads?** It is likely a **1032 Inductor**. 2. **Does it have 14 or 16 small pins?** It is likely a **74HC1032 Logic IC**. 3. **Is it a large metal "can" with two thick pins?** It is likely an **NTE1032 Transistor**.
    ✨ Follow-up Questions
    • Are you looking for the pinout diagram of the 74HC1032 IC?
    • Do you need the specific inductance values for a 1032 SMD inductor?
    • Are you troubleshooting a specific circuit board with this component?