Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 10-R01

  • AI
    The term **10-R01** (or **R010**) in electronics usually refers to a specific type of resistor used for current sensing. This code follows standard SMD (Surface Mount Device) marking conventions. --- ### 1. Identifying the Component The code **10-R01** typically describes a **Low-Ohmic Current Sense Resistor**. Here is how to break down the marking: | Component Marking | Meaning | Value | |:---|:---|:---| | **R** | Decimal Point | Acts as a separator | | **01** | Digits | Represents the numerical value | | **Total Value** | **0.01 Ohms** | **10 Milliohms (mΩ)** | ### 2. Technical Specifications While exact specs depend on the manufacturer (like Vishay, Panasonic, or Yageo), "R01" class resistors usually share these characteristics: * **Resistance:** 0.01Ω (extremely low resistance). * **Tolerance:** Usually tight (±0.5% to ±1%) to ensure accurate measurement. * **Power Rating:** Typically ranges from 0.25W to 3W depending on the package size (e.g., 0805, 1206, or 2512). * **Composition:** Often made of metal foil or thick film to handle heat dissipation without shifting resistance. --- ### 3. Common Applications Because the resistance is so low, these parts are not used to limit current like standard resistors. Instead, they are used to **measure** it. | Application | Description | |:---|:---| | **Current Sensing** | Placed in series with a load; the voltage drop across it is measured to calculate current ($I = V / R$). | | **Battery Management** | Used in laptops and phones to monitor charging and discharging rates. | | **Motor Control** | Monitors current spikes to prevent motor burnout. | | **Overcurrent Protection** | Triggers a shutdown if the voltage across the resistor exceeds a safe threshold. | --- ### 4. Circuit Example In a typical power management circuit, the R01 resistor is placed between the load and the ground (Low-side sensing): ```text [Power Source] ---> [Load] ---> [10-R01 Resistor] ---> [Ground] | v (Voltage measured here) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a thick film and a metal strip R01 resistor?
    • ⤷ How do I calculate the power rating needed for a 0.01 ohm resistor?
    • ⤷ Can I use a standard multimeter to measure a 10mΩ resistor accurately?