AI

The part number **0603CS-R20X_L_** refers to a high-precision, wire-wound ceramic core chip inductor, typically manufactured by **Coilcraft**. These components are widely used in high-frequency RF (Radio Frequency) applications.
---
## 1. Part Number Breakdown
The alphanumeric code follows a specific naming convention that defines the physical and electrical characteristics:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **0603** | **Package Size** | 0.06 x 0.03 inches (1.6 x 0.8 mm) |
| **CS** | **Series** | Ceramic core, wire-wound inductor |
| **R20** | **Inductance Value** | **200 nH** (R denotes decimal; 0.20 µH = 200 nH) |
| **X** | **Tolerance** | Usually denotes ±5% (J) or ±10% (K), check datasheet |
| **L** | **Termination** | Silver-palladium-platinum-glass frit (Lead-free) |
| **_** | **Packaging** | Often denotes tape and reel specifications |
---
## 2. Key Technical Specifications
Based on the Coilcraft 0603CS series standards, the R20 (200 nH) variant typically features the following parameters:
* **Inductance:** 200 nH @ 100 MHz.
* **Quality Factor (Q):** High Q (typically ~50-60 at 250 MHz), essential for low signal loss.
* **Self-Resonant Frequency (SRF):** Approximately 1100 MHz (1.1 GHz).
* **DCR (DC Resistance):** Maximum ~1.90 Ohms.
* **Irms (Rated Current):** ~150 - 200 mA.
---
## 3. Physical Construction
### Wire-Wound Technology
Unlike multilayer inductors, the **CS series** uses a fine copper wire wound around a ceramic core.
* **Ceramic Core:** Provides excellent thermal stability and a very high SRF.
* **Wire-Wound:** Offers significantly lower DC resistance and higher Q factors compared to non-wound counterparts.
### 0603 Footprint
The "0603" size is a standard surface-mount (SMD) footprint, making it compatible with automated pick-and-place assembly lines.
---
## 4. Common Applications
Due to its high frequency and high Q characteristics, this part is commonly found in:
1. **RF Impedance Matching:** Used in the front-end circuits of Wi-Fi or Bluetooth modules.
2. **Filter Circuits:** Low-pass, high-pass, and band-pass filters for signal processing.
3. **VCOs:** Voltage Controlled Oscillators where frequency stability is critical.
4. **Mobile Communications:** Power amplifiers and antenna tuning units.
---
- ⤷
What is the difference between a ceramic core and a ferrite core inductor?
- ⤷ How does the 'Q factor' affect RF circuit performance?
- ⤷ Can you provide a cross-reference for this part from another manufacturer like Murata or TDK?