Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 0603CS-R20XJRY

  • AI
    The part number **0603CS-R20XJRY** refers to a high-frequency, wire-wound chip inductor manufactured by **Coilcraft**. These components are specifically designed for high-performance RF (Radio Frequency) applications. --- ### 1. Part Number Breakdown Understanding the alphanumeric code explains the specific properties of the component: | Segment | Code | Meaning | | :--- | :--- | :--- | | **Package Size** | `0603` | EIA 0603 (Metric 1608) size: 1.6mm x 0.8mm | | **Series** | `CS` | Ceramic core, wire-wound inductor series | | **Inductance** | `R20` | 200 nH (R denotes decimal point; R20 = 0.20 µH = 200 nH) | | **Tolerance** | `J` | ± 5% | | **Termination** | `R` | Matte tin over nickel over silver-platinum-glass frit | | **Packaging** | `Y` | 7" reel (standard machine-fed tape and reel) | --- ### 2. Technical Specifications Below are the typical electrical characteristics for this specific model: * **Inductance:** 200 nH * **Tolerance:** ± 5% * **Quality Factor (Q):** High Q (typically > 50 at 250 MHz) * **Self-Resonant Frequency (SRF):** Approximately 1100 MHz (1.1 GHz) * **DCR (Direct Current Resistance):** Maximum 1.15 Ohms * **Maximum Current (Irms):** 250 mA * **Temperature Range:** -40°C to +125°C --- ### 3. Key Physical Features * **Wire-wound Construction:** Unlike multilayer inductors, the wire-wound design allows for much higher Q factors and lower DC resistance, making it more efficient for signal processing. * **Ceramic Core:** Provides excellent thermal stability and high SRF. * **Clear Coating:** Usually features a transparent "cap" on top to allow for vacuum pick-and-place assembly while protecting the delicate wires. --- ### 4. Common Applications This specific inductor is used in circuits where signal integrity and high-frequency performance are critical: * **RF Tuning:** Used in filters and matching networks for wireless communication. * **Signal Amplification:** Used as an AC choke in the biasing circuits of RF amplifiers. * **Oscillators:** Critical for setting the frequency in VCOs (Voltage Controlled Oscillators). * **Mobile Tech:** Found in Wi-Fi modules, GPS receivers, and Bluetooth devices. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the Q factor affect the performance of an RF circuit?
    • ⤷ Are there alternatives to the 0603CS series with higher current ratings?