Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 046-R

  • AI
    The part number **046-R** is a specific designation commonly used for **PTC (Positive Temperature Coefficient) Thermistors** and certain specialized **Ceramic Resonators**. However, in the broad electronic component market, it is most famously associated with the **Littelfuse 046 series** or specific **Murata** ceramic components. Below is a breakdown of the technical specifications and characteristics of these electronic parts. ### 1. Common Component Types Depending on the manufacturer, "046-R" typically refers to one of the following: | Component Category | Primary Function | Typical Manufacturer | | :--- | :--- | :--- | | **PTC Thermistor** | Overcurrent protection / Self-resetting fuse | Murata / Littelfuse | | **Ceramic Resonator** | Frequency control (Clock signals) | Murata / Kyocera | | **Surface Mount Fuse** | Circuit protection (Very Fast-Acting) | Littelfuse | --- ### 2. Technical Specifications (General) If we look at the most common application (Protection components), the "R" suffix usually denotes **RoHS Compliance** or **Reel Packaging**. #### Key Electrical Characteristics: * **Response Time:** Very Fast-Acting (for fuses) or Temperature-Dependent (for thermistors). * **Mounting Type:** Surface Mount Device (SMD) or Radial Lead. * **Operating Temperature:** Typically ranges from **-40°C to +125°C**. * **Resistance:** Low initial resistance to minimize power loss in the circuit. --- ### 3. Applications These parts are integrated into various electronic systems to ensure stability and safety: * **Battery Management Systems (BMS):** Used to detect overheating in Lithium-ion packs. * **Power Supplies:** Acts as a "soft start" component to limit inrush current. * **Microcontrollers:** Used in the "Ceramic Resonator" form to provide the heartbeat (clock) for the CPU. * **Consumer Electronics:** Found in laptops and smartphones to protect sensitive logic boards from surges. --- ### 4. Identification Guide When sourcing or replacing a 046-R part, check the following physical markings: ```yaml Part_Number: 046-R Marking_Code: Usually a single letter or number (e.g., 'S' or 'F') Package_Size: 0603, 0805, or 1206 (SMD standard sizes) RoHS_Status: Compliant (indicated by the -R suffix) ``` --- ### 5. Selection Precautions 1. **Voltage Rating:** Ensure the maximum voltage ($V_{max}$) of the part exceeds your circuit's operating voltage. 2. **Current Rating:** For fuses/thermistors, verify the "Hold Current" vs. "Trip Current." 3. **Footprint:** Confirm if your PCB requires the SMD version or the Through-Hole (Radial) version.
    ✨ Follow-up Questions
    • ⤷ Is the 046-R you are looking for a fuse or a thermistor?
    • ⤷ What is the specific manufacturer listed on your datasheet?
    • ⤷ Can you provide the full part number prefix (e.g.
    • ⤷ PRG or 0467)?