Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 0150180098

  • AI
    The part number **0150180098** refers to a specific type of **Flexible Flat Cable (FFC)** manufactured by **Molex**. These cables are essential in modern electronics for connecting various circuit boards where space is limited and flexibility is required. ### 1. Technical Specifications The following table highlights the key electrical and physical characteristics of this specific Molex Pre-Moisture FFC: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Molex | | **Series** | 15018 (Pre-Moisture FFC) | | **Circuits (Pins)** | 10 | | **Pitch (Spacing)** | 0.50mm | | **Cable Length** | 51.00mm (Approx. 2 inches) | | **Contact Layout** | Type A (Contacts on the same side) | | **Material - Plating** | Gold | | **Max Voltage** | 60V AC | | **Max Current** | 0.5A per conductor | --- ### 2. Key Features and Construction This component is more than just a simple wire; it is engineered for specific industrial and consumer applications: * **Gold Plating:** Unlike cheaper tin-plated cables, the **0150180098** uses gold plating on the contact areas. This provides superior corrosion resistance and better conductivity over time, making it ideal for high-reliability environments. * **Small Form Factor:** With a 0.50mm pitch, it is designed for high-density layouts where traditional round wires would be too bulky. * **Flexibility:** The "Pre-Moisture" or "Easy-On" FFC series is designed to withstand repeated bending without fracturing the internal copper traces. --- ### 3. Common Applications You will typically find this part inside compact electronic devices, including: * **Consumer Electronics:** Connections between a laptop motherboard and a touchpad or keyboard. * **Display Technology:** Linking a PCB to an LCD or LED screen. * **Medical Devices:** In handheld diagnostic equipment where space is at a premium. * **Printers/Scanners:** Connecting the moving print head or scanning sensor to the main logic board. --- ### 4. Mating Connectors To use this cable, it must be paired with a compatible **0.50mm Pitch FFC/FPC Connector**. Examples from the Molex ecosystem include the **501951** or **52745** series. Using the correct connector ensures the ZIF (Zero Insertion Force) or Non-ZIF mechanism locks the cable securely.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Type A and Type D contact layouts in FFC cables?
    • ⤷ How do I determine if my connector requires a gold-plated or tin-plated cable?
    • ⤷ What are the environmental temperature limits for the Molex 15018 series?