Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 012GFD-R

  • AI
    The term **012GFD-R** typically refers to a specific type of fiber optic cabling component, specifically a **12-strand, Single-mode (OS2), Riser-rated (OFNR)** fiber optic distribution cable. While not a single "electronic part" like a resistor or transistor, it is a critical passive electronic component used in telecommunications infrastructure. --- ### 1. Technical Specifications The alphanumeric code breaks down into specific physical and electronic characteristics: | Code Segment | Feature | Description | | :--- | :--- | :--- | | **012** | Fiber Count | Contains 12 individual optical fibers inside the jacket. | | **G** | Fiber Type | Typically denotes Single-mode fiber (OS2). | | **FD** | Construction | Distribution-style cable (tight-buffered fibers). | | **R** | Rating | Riser Rated (OFNR) for vertical installations between floors. | --- ### 2. Physical Components The cable is constructed of several layers that protect the signal integrity: * **Optical Core:** The glass center where light signals travel. * **Cladding:** A layer of glass with a lower refractive index that keeps light trapped in the core via total internal reflection. * **900µm Buffer:** A color-coded plastic coating on each of the 12 fibers for easy identification and protection. * **Aramid Yarn:** Strength members (often Kevlar) that provide tensile strength to prevent the glass from stretching. * **Outer Jacket:** Made of PVC or similar material, specifically treated to be flame-retardant for Riser (vertical) environments. --- ### 3. Electronic Performance Characteristics In an electronic system, this cable acts as the high-speed data highway. Key performance metrics include: 1. **Attenuation:** The loss of signal over distance, measured in decibels per kilometer (dB/km). Single-mode fiber usually has a very low loss (~0.4 dB/km). 2. **Bandwidth:** Virtually unlimited compared to copper; it can support 10G, 40G, and 100G Ethernet speeds. 3. **EMI Immunity:** Unlike copper wires, these parts are immune to Electromagnetic Interference (EMI) because they transmit light, not electricity. --- ### 4. Applications * **Data Centers:** Connecting server racks to core switches. * **Telecommunications:** Building-to-building or floor-to-floor backbone wiring. * **ISP Infrastructure:** Routing high-speed internet through commercial buildings.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Riser (OFNR) and Plenum (OFNP) ratings for this cable?
    • ⤷ Can 012GFD-R cable be used for outdoor installations?
    • ⤷ What type of connectors (LC
    • ⤷ SC
    • ⤷ or ST) are typically used with 12-strand distribution fiber?