Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • -U3-R

  • AI
    The **U3-R** is a specific technical designation commonly used in schematic diagrams and circuit design to identify a component's position and type. In electronics, the prefix **"U"** stands for an **Integrated Circuit (IC)**, and **"R"** typically indicates a **Revision** or a specific **Regulator** variant. Depending on the context (Arduino, power supplies, or hobbyist electronics), "U3-R" usually refers to one of the following: --- ### 1. Common Component Identifications In most consumer electronics and open-source hardware (like the Arduino Uno or Mega clones), the component labeled **U3** is often a voltage regulator. | Component Code | Common Part Name | Function | | :--- | :--- | :--- | | **U3** | LM1117 / AMS1117 | Low Dropout (LDO) Voltage Regulator | | **U3 (Logic)** | 74HC4051 | 8-channel Analog Multiplexer | | **U3 (Audio)** | LM386 | Low Voltage Audio Power Amplifier | ### 2. The "R" Designation When "R" is appended to "U3" (U3-R), it generally signifies: * **Revision:** The third integrated circuit in the "R" (Revised) version of the PCB. * **Regulator:** A shorthand used in some CAD libraries to denote that IC #3 is a Voltage Regulator. * **Reverse Pinout:** In some specific components (like the SOT-23 package), "R" indicates a mirrored or reverse pin configuration compared to the standard model. --- ### 3. Detailed Example: The AMS1117 (Common U3-R) If your U3-R is a 3-pin surface mount device (SOT-223) acting as a regulator, here are its technical specs: #### Technical Specifications | Parameter | Value | | :--- | :--- | | **Input Voltage** | Up to 15V | | **Output Voltage** | Fixed (3.3V or 5V) or Adjustable | | **Max Output Current** | 800mA to 1A | | **Package Type** | SOT-223 or TO-252 | #### Pinout Configuration ```text _______ | 4 | (Tab: Vout) ___|_______|___ | 1 2 3 | |_______________| 1: Adj/Ground 2: Vout (Output) 3: Vin (Input) ``` --- ### 4. How to Identify Your Specific U3-R If you are looking at a physical circuit board, follow these steps to confirm the part: 1. **Read the Top Marking:** Look for laser-etched codes (e.g., `AMS1117`, `LP2985`, or `78L05`). 2. **Check the Schematic:** Reference the service manual for the device; U3 will be listed in the **Bill of Materials (BOM)**. 3. **Trace the Pins:** If Pin 3 goes to the Power Input and Pin 2/Tab goes to the main circuit, it is definitely a **Voltage Regulator**. ---
    ✨ Follow-up Questions
    • ⤷How do I test if the U3-R voltage regulator is functioning correctly?
    • ⤷ What are the symptoms of a failed U3 integrated circuit?
    • ⤷ Can I replace a U3-R with a different model of the same voltage?