Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • -N3B-R

  • AI
    The **N3B-R** (often associated with the N3B series) typically refers to a high-performance **Brushless Electronic Speed Controller (ESC)** or a specific variant of industrial motor controllers used in robotics and RC applications. Below is a breakdown of the electronic components and technical specifications associated with these types of units. --- ### 1. Technical Specifications The "N3B-R" variant is usually characterized by its reverse-polarity protection and regenerative braking capabilities. | Feature | Description | | :--- | :--- | | **Input Voltage** | Typically 2S - 6S LiPo (7.4V - 22.2V) | | **Current Rating** | Continuous 40A - 80A (depending on the specific sub-model) | | **Processor** | 32-bit ARM Cortex M4 or high-speed F3/F4 MCU | | **MOSFETs** | Low-resistance N-Channel MOSFETs for thermal efficiency | | **Protocol Support** | DShot (150/300/600/1200), PWM, Oneshot, Multishot | --- ### 2. Key Internal Electronic Components #### A. Power Stage (MOSFETs) The core of the N3B-R consists of an H-bridge configuration of MOSFETs. These act as high-speed switches that commute the DC power from the battery into three-phase AC power to drive the brushless motor. #### B. Microcontroller (MCU) The "brain" of the unit. It runs the firmware (often **BLHeli_32** or proprietary industrial code). It handles: * Signal decoding from the flight controller or PLC. * Timing calculations for motor commutation. * Safety protocols (over-current and thermal protection). #### C. BEC (Battery Eliminator Circuit) Most N3B-R units include an integrated switching regulator. * **Function:** Steps down the main battery voltage (e.g., 22V) to a stable 5V or 12V. * **Purpose:** To power peripheral electronics like sensors, receivers, or flight controllers. #### D. Capacitors (Filtering) High-capacitance Electrolytic or Ceramic capacitors are placed at the input to: * Suppress voltage spikes caused by "Active Freewheeling." * Reduce "noise" that could interfere with other sensitive electronics. --- ### 3. Connection Diagram Logic The unit typically features the following wiring interfaces: ```yaml Input Side: - VCC (Battery Positive +) - GND (Battery Negative -) - Signal (PWM/DShot Input) - Telemetry (TX Port for data feedback) Output Side: - Phase A (Motor Wire 1) - Phase B (Motor Wire 2) - Phase C (Motor Wire 3) ``` --- ### 4. Advanced Features * **Regenerative Braking:** Allows the motor to act as a generator when slowing down, feeding energy back into the battery. * **Bidirectional Communication:** The "-R" variant often denotes "Reverse" capability or advanced Telemetry, sending RPM, Temperature, and Current data back to the master controller.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the throttle range for an N3B-R controller?
    • ⤷ What are the common causes of MOSFET failure in these electronic parts?
    • ⤷ Does the N3B-R support the DShot1200 protocol?