document.write("
| T25LSF Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "T25LSF" Totale : 18 ( 1/1 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() STMicroelectronics | T2535-600G | ![]() | 25A Snubberless™ Triacs in D2PAK | compliant active | |
| T2535-600G-TR | ![]() | 25A Snubberless™ Triacs in D2PAK | compliant active | ||
| T2535-800G | ![]() | 25A Snubberless™ Triacs in D2PAK | compliant active | ||
| T2535-800G-TR | ![]() | 25A Snubberless™ Triacs in D2PAK | compliant active | ||
| T2535T-8G-TR | ![]() | 25 A - 800 V - T-Series Triac in D2PAK | compliant active | ||
| T2535T-8I | ![]() | 25 A - 800 V - T-Series Triac in TO-220AB insulated | compliant active | ||
| T2535T-8T | ![]() | 25 A - 800 V - T-Series Triac in TO-220AB | compliant active | ||
| T2550-12G | ![]() | 25 A , 1200 V , Snubberless , in D2PAK Triac | compliant active | ||
| T2550-12G-TR | ![]() | 25 A , 1200 V , Snubberless , in D2PAK Triac | compliant active | ||
| T2550-12I | ![]() | 25 A , 1200 V , Snubberless in TO-220AB Ins. Triac | compliant active | ||
| T2550-12T | ![]() | 25 A , 1200 V , Snubberless in TO-220AB Triac | compliant active | ||
| T2550H | ![]() | HIGH TEMPERATURE 25 A SNUBBERLESS- TRIAC | unknown unknown contact_manufacturer | ||
![]() TE Connectivity | T2580011154-000 | ![]() | CONNECTOR ACCESSORY | compliant unknown active | |
| T2580012154-000 | ![]() | Circular Connector | compliant unknown active | ||
| T2580031154-000 | ![]() | PIN-Q2-M Insert Style:Pin;Contact Type:Crimp Contact;Pole Configuration:4;Number of Positions:4;Sealable:No Pin Crimp Contact 4 | Rectangular Contact Insert | Part# T2580031154-000 | TE Connectivity | compliant unknown active | ![]() | |
| T2580032154-000 | ![]() | PIN-Q2-F Insert Style:Pin;Contact Type:Crimp Contact;Pole Configuration:4;Number of Positions:4;Sealable:No Pin Crimp Contact 4 | Rectangular Contact Insert | Part# T2580032154-000 | TE Connectivity | compliant unknown active | ![]() | |
| T2580081154-000 | ![]() | Circular Connector | compliant unknown active | ||
| T2580082154-000 | ![]() | RECTANGULAR CONNECTOR | compliant unknown active |
1 |