document.write("
| STP63-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "STP63-R" Totale : 21 ( 1/2 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() STMicroelectronics | STP60N043DM9 | ![]() | Trans Voltage Suppressor Diode | unknown unknown active | |
| STP60NF06 | ![]() | N-Channel 60V - 0.014Ohm - 60A - TO-220 StripFET(TM) II MOSFET | compliant active | ||
| STP60NF06FP | ![]() | N-Channel 60V - 0.014Ohm - 60A - TO-220FP StripFET(TM) II POWER MOSFET | contact_manufacturer not_recommended | ||
| STP60NF06L | ![]() | N-channel 60 V, 0.012 Ohm typ., 60 A STripFET(TM) II Power MOSFET in TO-220 package | compliant active | ||
| STP60NF10 | ![]() | N-CHANNEL 100V - 0.019Ohm - 80A D2PAK/TO-220/I2PAK STripFET™ II Power MOSFET | compliant active | ||
| STP62NS04Z | ![]() | N-CHANNEL CLAMPED 12.5mOhm - 62A TO-220 FULLY PROTECTED MESH OVERLAY™ MOSFET | compliant obsolete | ||
| STP65N045M9 | ![]() | Trans Voltage Suppressor Diode | unknown unknown active | ||
| STP65N150M9 | ![]() | Power Field-Effect Transistor, 20A I(D), 650V, 0.15ohm, 1-Element, N-Channel, Silicon, Metal-oxide Semiconductor FET, TO-220AB | compliant unknown active | ||
| STP65NF06 | ![]() | N-channel 60 V, 0.0115 Ohm, 60 A, TO-220 STripFET(TM) II Power MOSFET | compliant obsolete | ||
| STP6N60M2 | ![]() | N-channel 600 V, 1.06 Ohm typ., 4.5 A MDmesh M2 Power MOSFET in TO-220 package | compliant not_recommended | ||
| STP6N62K3 | ![]() | N-channel 620 V, 0.95 Ohm typ., 5.5 A SuperMESH3(TM) Power MOSFET in TO-220 package | compliant active | ||
| STP6N80K5 | ![]() | N-channel 800 V, 1.3 Ohm typ., 4.5 A MDmesh K5 Power MOSFET in a TO-220 package | compliant active | ||
| STP6N90K5 | ![]() | N-channel 900 V, 0.91 Ohm typ., 6 A MDmesh K5 Power MOSFET in a TO-220 package | compliant active | ||
| STP6N95K5 | ![]() | N-channel 950 V, 1 Ohm typ., 9 A MDmesh K5 Power MOSFET in TO-220 package | compliant active | ||
![]() New Jersey Semiconducto... | STP6NA80 | ![]() | Trans MOSFET N-CH 800V 5.7A 3-Pin(3+Tab) TO-220 | unknown unknown contact_manufacturer | ![]() |
| STP6NA80FI | ![]() | Trans MOSFET N-CH 800V 3.4A 3-Pin(3+Tab) ISOWATT220 | unknown unknown contact_manufacturer | ![]() | |
![]() STMicroelectronics | STP6NK60Z | ![]() | N-channel 600 V, 1 Ohm typ., 6 A SuperMESH Power MOSFET in a TO-220 package | compliant active | |
| STP6NK60ZFP | ![]() | N-channel 600 V, 1 Ohm typ., 6 A SuperMESH Power MOSFET in a TO-220 package | compliant active | ||
| STP6NK60ZFP(031Y | ![]() | N-channel 600 V - 1 O - 6 A - TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH Power MOSFET | compliant yes active | ||
| STP6NK90Z | ![]() | N-channel 900 V, 1.56 Ohm typ., 5.8 A SuperMESH Power MOSFET in a TO-220 package | compliant active |
1 2 |