document.write("
| STP2.5-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "STP2.5-R" Totale : 43 ( 1/3 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() STMicroelectronics | STP200N3LL | ![]() | N-channel 30 V, 2 mOhm typ., 120 A, STripFET H6 Power MOSFET in a TO-220 package | compliant active | |
| STP200NF03 | ![]() | N-CHANNEL 30V - 0.0032Ohm - 120A D2PAK STripFET™ II MOSFET | compliant not_recommended | ||
| STP20N60M2-EP | ![]() | N-channel 600 V, 0.230 Ohm typ., 13 A MDmesh M2 EP Power MOSFET in a TO-220 package | compliant not_recommended | ||
| STP20N65M5 | ![]() | N-channel 650 V, 0.160 Ohm typ., 18 A MDmesh M5 Power MOSFET in TO-220 package | compliant active | ||
| STP20N90K5 | ![]() | N-channel 900 V, 0.21 Ohm typ., 20 A MDmesh K5 Power MOSFET in a TO-220 package | compliant active | ||
| STP20N95K5 | ![]() | N-channel 950 V, 0.275 Ohm typ., 17.5 A MDmesh K5 Power MOSFET in a TO-220 package | compliant active | ||
| STP20NF20 | ![]() | N-channel 200 V, 0.10 Ohm typ., 18 A StripFET Power MOSFET in TO-220 package | compliant active | ||
| STP20NK50Z | ![]() | N-channel 500 V, 0.23 Ohm, 17 A SuperMESH(TM) Power MOSFET Zener-protected in TO-220 package | compliant active | ||
| STP20NM50 | ![]() | N-channel 500 V, 200 mOhm typ., 20 A MDmesh Power MOSFET in a TO-220 package | compliant active | ||
| STP20NM60 | ![]() | N-Channel 600V - 0.25Ohm - 20A - TO-220 MDmesh™ POWER MOSFET | compliant active | ||
| STP20NM60FP | ![]() | N-Channel 600V - 0.25Ohm - 20A TO-220FP MDmesh™ POWER MOSFET | compliant active | ||
| STP21N65M5 | ![]() | N-channel 650 V, 0.150 Ohm typ., 17 A MDmesh M5 Power MOSFET in TO-220 package | compliant active | ||
| STP21N90K5 | ![]() | N-channel 900 V, 0.25 Ohm typ., 18.5 A MDmesh K5 Power MOSFET in TO-220 package | compliant active | ||
| STP220N6F7 | ![]() | N-channel 60 V, 0.0021 mOhm typ., 120 A STripFET F7 Power MOSFET in a TO-220 package | compliant active | ||
| STP22N60DM6 | ![]() | N-channel 600 V, 200 mOhm typ., 15 A MDmesh DM6 Power MOSFET in a TO-220 package | contact_manufacturer active | ||
| STP22NM60N | ![]() | N-channel 600 V, 0.2 Ohm, 16 A MDmesh(TM) II Power MOSFET in TO-220 | compliant active | ||
| STP23N80K5 | ![]() | N-channel 800 V, 0.23 Ohm typ., 16 A MDmesh K5 Power MOSFET in a TO-220 package | compliant active | ||
| STP23NM50N | ![]() | N-channel 500 V, 0.162 Ohm, 17 A, TO-220 MDmesh(TM) II Power MOSFET | compliant active | ||
| STP240N10F7 | ![]() | N-channel 100 V, 2.85 mOhm typ., 110 A STripFET F7 Power MOSFET in a TO-220 package | compliant active | ||
| STP24DP05 | ![]() | POWER MOSFET | unknown unknown contact_manufacturer |
1 2 3 |