document.write("
| ST1280C..K Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "ST1280C..K" Totale : 130 ( 1/7 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() STMicroelectronics | ST10F168SQ6 | ![]() | MCU 256KB FLASH 12K RAM 144-TQFP | unknown unknown active | |
| ST10F269-DP | ![]() | MCU 16BIT 256K FLASH 144PQFP | unknown unknown active | ||
| ST10F269-DPB | ![]() | MCU 16BIT 256K FLASH 144PQFP | unknown unknown active | ||
| ST10F269DT3 | ![]() | MCU 16BIT 256K FLASH 144QFP | unknown unknown active | ||
| ST10F269DTR3 | ![]() | MCU 16BIT 256K FLASH 144QFP | unknown unknown active | ||
| ST10F269Z2Q6/TR | ![]() | MCU 16BIT 256KBIT FLASH 144-PQFP | unknown unknown active | ||
| ST10F269Z2T3 | ![]() | 16-bit MCU | compliant obsolete | ||
| ST10F276-4TX3 | ![]() | MCU 16BIT 832K FLASH 144-LQFP | unknown unknown contact_manufacturer | ||
| ST10F276-6QR3 | ![]() | 16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbute RAM | contact_manufacturer not_recommended | ||
| ST10F276Z5Q3TR | ![]() | MCU 16BIT 832KBIT FLASH 144-PQFP | unknown unknown active | ||
| ST10R167-Q3/TR | ![]() | MCU 16BIT ROMLESS 144-PQFP | unknown unknown active | ||
| ST10R272LT1/TR | ![]() | MCU 16BIT ROMLESS LV 100-TQFP | unknown unknown active | ||
| ST13003 | ![]() | High voltage fast-switching NPN power transistor | contact_manufacturer active | ||
| ST13003-K | ![]() | High voltage fast-switching NPN power transistor | compliant active | ||
| ST13005 | ![]() | High voltage fast-switching NPN power transistor | compliant active | ||
| ST13007 | ![]() | High voltage fast-switching NPN power transistor | compliant active | ||
| ST13007D | ![]() | High voltage fast-switching NPN power transistor | compliant active | ||
| ST13007DFP | ![]() | High voltage fast-switching NPN power transistor | compliant obsolete | ||
| ST13009 | ![]() | High voltage fast-switching NPN power transistor | compliant active | ||
| ST1480ABDR | ![]() | 3.3V POWERED, 15KV ESD PROTECTED TRANSMIT AT UP TO 12MBPS TRUE RS-485/RS422 TRANSCEIVER, [-40oC, 85oC] TEMPERATURE RANGE | compliant active |
1 2 3 4 5 6 7 |