document.write("
| SMB-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "SMB-R" Totale : 298 ( 1/15 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() STMicroelectronics | SMB15F10A | ![]() | 1500 W, 10 V TVS in SMB Flat | compliant active | |
| SMB15F10AY | ![]() | Automotive 1500 W, 10 V TVS in SMB Flat | compliant active | ||
| SMB15F11A | ![]() | 1500 W, 11 V TVS in SMB Flat | compliant active | ||
| SMB15F11AY | ![]() | Automotive 1500 W, 11 V TVS in SMB Flat | compliant active | ||
| SMB15F12A | ![]() | 1500 W, 12 V TVS in SMB Flat | compliant active | ||
| SMB15F12AY | ![]() | Automotive 1500 W, 12 V TVS in SMB Flat | compliant active | ||
| SMB15F13A | ![]() | 1500 W, 13 V TVS in SMB Flat | compliant active | ||
| SMB15F13AY | ![]() | Automotive 1500 W, 13 V TVS in SMB Flat | compliant active | ||
| SMB15F14A | ![]() | 1500 W, 14 V TVS in SMB Flat | compliant active | ||
| SMB15F14AY | ![]() | Automotive 1500 W, 14 V TVS in SMB Flat | compliant active | ||
| SMB15F15A | ![]() | 1500 W, 15 V TVS in SMB Flat | compliant active | ||
| SMB15F15AY | ![]() | Automotive 1500 W, 15 V TVS in SMB Flat | compliant active | ||
| SMB15F16A | ![]() | 1500 W, 16 V TVS in SMB Flat | compliant active | ||
| SMB15F16AY | ![]() | Automotive 1500 W, 16 V TVS in SMB Flat | compliant active | ||
| SMB15F18A | ![]() | 1500 W, 18 V TVS in SMB Flat | compliant active | ||
| SMB15F18AY | ![]() | Automotive 1500 W, 18 V TVS in SMB Flat | compliant active | ||
| SMB15F20A | ![]() | 1500 W, 20 V TVS in SMB Flat | compliant active | ||
| SMB15F20AY | ![]() | Automotive 1500 W, 20 V TVS in SMB Flat | compliant active | ||
| SMB15F22A | ![]() | 1500 W, 22 V TVS in SMB Flat | compliant active | ||
| SMB15F22AY | ![]() | Automotive 1500 W, 22 V TVS in SMB Flat | compliant active |
1 2 3 4 5 6 7 8 9 10 ..... |