document.write("
| SD1875L-R-T92-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "SD1875L-R-T92-R" Totale : 29 ( 1/2 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() New Jersey Semiconducto... | SD1012 | ![]() | Trans GP BJT NPN 18V 1A | no unknown active | ![]() |
| SD1012-03 | ![]() | Trans GP BJT NPN 18V 1.8A | no unknown active | ![]() | |
| SD1015 | ![]() | Trans GP BJT NPN 18V 1A 4-Pin Style M135 | no unknown active | ![]() | |
| SD1018 | ![]() | Trans RF BJT NPN 18V 6A | no unknown active | ![]() | |
| SD1018-06 | ![]() | Trans GP BJT NPN 18V 6A 4-Pin Style M113 | no unknown active | ![]() | |
| SD1134 | ![]() | Trans RF BJT NPN 16V 0.75A 4-Pin Case M-122 | no unknown active | ![]() | |
| SD1135 | ![]() | Trans RF BJT NPN 16V 2A 4-Pin Case M-122 | no unknown active | ![]() | |
| SD1135-03 | ![]() | Trans GP BJT NPN 16V 1.7A 4-Pin | no unknown active | ![]() | |
| SD1136 | ![]() | Trans GP BJT NPN 16V 3.4A 4-Pin | no unknown active | ![]() | |
| SD1143 | ![]() | Trans GP BJT NPN 18V 2A 4-Pin Style M135 | no unknown active | ![]() | |
| SD1143-01 | ![]() | Trans GP BJT NPN 36V 0.002A 4-Pin Style M113 | no unknown active | ![]() | |
| SD1220 | ![]() | Trans RF BJT NPN 65V 1A 4-Pin Style M135 | no unknown active | ![]() | |
| SD1224 | ![]() | Trans RF BJT NPN 35V 5A 4-Pin Style M135 | no unknown active | ![]() | |
| SD1224-02 | ![]() | Trans RF BJT NPN 35V 5A 4-Pin Style M113 | no unknown active | ![]() | |
| SD1224-10 | ![]() | Trans RF BJT NPN 36V 4.5A 4-Pin(4+Tab) Case M-113 | no unknown active | ![]() | |
| SD1272 | ![]() | Trans GP BJT NPN 18V 4A | no unknown active | ![]() | |
| SD1272-02 | ![]() | Trans GP BJT NPN 18V 4A | no unknown active | ![]() | |
| SD1285 | ![]() | Trans GP BJT NPN 18V 4.5A 4-Pin(4+Tab) Case M-113 | no unknown active | ![]() | |
![]() C&K | SD12H1SKD | ![]() | DIP / Rotary DIP | unknown unknown active | |
![]() onsemi | SD12T1G | ![]() | ESD Protection Diode, Unidirectional, SOD-323, SOD-323 2 LEAD, 3000-REEL | yes active | ![]() |
1 2 |