document.write("
| SCCO2A150D2E Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "SCCO2A150D2E" Totale : 45 ( 1/3 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() NXP Semiconductors | SCC2681AC1A44-T | ![]() | Dual asynchronous receiver/transmitter (DUART) - Application: Data Communication ; Function: Receivers/Transmitters ; Number of pins: 44 ; Operating temperature: 0~70 Cel; Receiver/Transmitter type: Dual UARTs | compliant no active | ![]() |
| SCC2681AC1N28,129 | ![]() | SCC2681 - Dual asynchronous receiver/transmitter (DUART) DIP 28-Pin | unknown active | ||
| SCC2681AE1A44-T | ![]() | Dual asynchronous receiver/transmitter (DUART) - Application: Data Communication ; Function: Receivers/Transmitters ; Number of pins: 44 ; Operating temperature: -40~85 Cel; Receiver/Transmitter type: Dual UARTs | compliant no active | ![]() | |
| SCC2681AE1N28,129 | ![]() | SCC2681 - Dual asynchronous receiver/transmitter (DUART) DIP 28-Pin | unknown active | ||
| SCC2681TC1A44-T | ![]() | Dual asynchronous receiver/transmitter (DUART) - Application: Data Communication ; Function: Receivers/Transmitters ; Number of pins: 44 ; Operating temperature: 0~70 Cel; Receiver/Transmitter type: Dual UARTs | compliant no active | ![]() | |
| SCC2691AC1A28,129 | ![]() | SCC2691 - Universal asynchronous receiver/transmitter (UART) LCC 28-Pin | active | ||
| SCC2691AC1A28,518 | ![]() | SCC2691 - Universal asynchronous receiver/transmitter (UART) LCC 28-Pin | compliant obsolete | ||
| SCC2691AC1A28/G,11 | ![]() | SCC2691 - Universal asynchronous receiver/transmitter (UART) LCC 28-Pin | unknown active | ||
| SCC2691AC1A28/N,11 | ![]() | Universal asynchronous receiver/transmitter (UART), SOT261-2 Package, Standard Marking, IC'S Tube - DSC Bulk Pack | unknown unknown preview | ![]() | |
| SCC2691AC1A28/N:11 | ![]() | SCC2691 - Universal asynchronous receiver/transmitter (UART) LCC 28-Pin | unknown active | ||
| SCC2691AC1A28VP | ![]() | SCC2691 - Universal asynchronous receiver/transmitter (UART) LCC 28-Pin | active | ||
| SCC2691AC1D24,112 | ![]() | SCC2691 - Universal asynchronous receiver/transmitter (UART) SOP 24-Pin | active | ||
| SCC2691AC1D24,118 | ![]() | SCC2691 - Universal asynchronous receiver/transmitter (UART) SOP 24-Pin | active | ||
| SCC2691AC1D24,129 | ![]() | SCC2691 - Universal asynchronous receiver/transmitter (UART) SOP 24-Pin | active | ||
| SCC2691AC1D24,529 | ![]() | SCC2691 - Universal asynchronous receiver/transmitter (UART) SOP 24-Pin | active | ||
| SCC2691AC1D24/N,51 | ![]() | SCC2691 - Universal asynchronous receiver/transmitter (UART) SOP 24-Pin | unknown active | ||
| SCC2691AE1A28,129 | ![]() | SCC2691 - Universal asynchronous receiver/transmitter (UART) LCC 28-Pin | active | ||
| SCC2692AC1N28-S | ![]() | Dual asynchronous receiver/transmitter (DUART) - Application: Data Communication ; Function: Receivers/Transmitters ; Number of pins: 28 ; Operating temperature: 0~70 Cel; Receiver/Transmitter type: Dual UARTs | compliant no active | ![]() | |
| SCC2692AE1A44-S | ![]() | Dual asynchronous receiver/transmitter (DUART) | unknown no active | ||
| SCC2692AE1N28-S | ![]() | Dual asynchronous receiver/transmitter (DUART) - Application: Data Communication ; Function: Receivers/Transmitters ; Number of pins: 28 ; Operating temperature: -40~85 Cel; Receiver/Transmitter type: Dual UARTs | compliant no active | ![]() |
1 2 3 |