document.write("
| SC62-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "SC62-R" Totale : 18 ( 1/1 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() Freescale Semiconductor | SC667287MLU1 | ![]() | 2MB FLASH,128K RAM, 160Mhz, 176LQFP | compliant yes active | ![]() |
| SC667324VALR | ![]() | KLM ASSEMBLY ONLY XEQ512 | compliant yes active | ![]() | |
| SC667364VLL4 | ![]() | Qorivva 32-bit MCU, Power Arch core, 512KB Flash, 48MHz, -40/+105degC, Automotive Qualified, QFP 100 | compliant yes obsolete | ![]() | |
| SC667395VLQ6R | ![]() | 512k, 144 LQFP, 64MHz, 40kB SRAM, 64k Data Flash, EEPROM, Flexray, -40 to +105C | compliant yes active | ![]() | |
| SC667426K0MLL6R | ![]() | Qorivva 32-bit MCU, Power Arch core, 1.5MB Flash, 64MHz, -40/+125degC, Automotive Qualified, QFP 100 | compliant yes active | ![]() | |
| SC667460MMG3R | ![]() | Freescale 32-bit MCU, Power Arch, 4MB Flash, 80MHz, -40/+125degC, Automotive Grade, MAPBGA 208 | compliant yes active | ![]() | |
| SC68376BACAB20 | ![]() | 32BIT MCU, 8K ROM | compliant yes not_recommended | ![]() | |
| SC68376BGCAB25 | ![]() | 32BIT MCU, 8K ROM | compliant yes not_recommended | ||
![]() NXP Semiconductors | SC68376BGCAB25 | ![]() | IC MCU 32BIT ROMLESS 160QFP | compliant yes active | |
![]() Freescale Semiconductor | SC68376BGMAB20 | ![]() | 32BIT MCU, 8K ROM | compliant yes not_recommended | ![]() |
| SC68376BGMAB20R | ![]() | 32BIT MCU, 8K ROM | compliant yes not_recommended | ![]() | |
| SC68376BGVAB25 | ![]() | 32BIT MCU, 8K ROM | compliant yes not_recommended | ||
![]() NXP Semiconductors | SC68376BGVAB25 | ![]() | IC MCU 32BIT ROMLESS 160QFP | compliant yes active | |
| SC68C2550BIB48-S | ![]() | 5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs and Motorola uP interface | compliant no active | ||
| SC68C652BIB48-S | ![]() | 5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and Motorola uP interface | compliant no active | ![]() | |
| SC68C752BIB48-S | ![]() | 5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface | compliant no active | ![]() | |
| SC68C752BIBS-S | ![]() | 5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface | compliant no active | ![]() | |
![]() Freescale Semiconductor | SC6Q888YM10AC | ![]() | i.MX 32-bit MPU, Quad ARM Cortex-A9 core, 1GHz, FCBGA 624 | compliant yes active | ![]() |
1 |