document.write("
| SC2668-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "SC2668-R" Totale : 7 ( 1/1 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() Digitron Semiconductors | SC260M | ![]() | Triac; Max Peak Repetitive Reverse Voltage: 25; Max TMS Bridge Input Voltage: 250; Max DC Reverse Voltage: 1 | unknown unknown unknown | ![]() |
| SC260M4 | ![]() | Triac; Max Peak Repetitive Reverse Voltage: 25; Max TMS Bridge Input Voltage: 250; Max DC Reverse Voltage: 1 | unknown unknown unknown | ![]() | |
![]() NXP Semiconductors | SC26C92A1B-S | ![]() | Dual universal asynchronous receiver/transmitter (DUART) - Application: Data Communication ; Function: Receivers/Transmitters ; Number of pins: 44 ; Operating temperature: -40~85 Cel; Receiver/Transmitter type: Dual UARTs | compliant no active | ![]() |
| SC26C92A1N,129 | ![]() | SC26C92 - Dual universal asynchronous receiver/transmitter (DUART) DIP 40-Pin | unknown active | ||
| SC26C92C1A/G,518 | ![]() | SC26C92 - Dual universal asynchronous receiver/transmitter (DUART) LCC 44-Pin | unknown obsolete | ![]() | |
| SC26C92C1B/N,557 | ![]() | SC26C92 - Dual universal asynchronous receiver/transmitter (DUART) QFP 44-Pin | unknown obsolete | ![]() | |
| SC26C92C1N,129 | ![]() | SC26C92 - Dual universal asynchronous receiver/transmitter (DUART) DIP 40-Pin | unknown active |
1 |