document.write("

SC2658-R Fabricant
Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "SC2658-R" Totale : 7 ( 1/1 Page)
FabricantNo de pièceFiches technique
Date
Size
DescriptionRohs
Pb Free
Lifecycle
Direct Link
\"logo\"
Digitron Semiconductors
SC260MTriac; Max Peak Repetitive Reverse Voltage: 25; Max TMS Bridge Input Voltage: 250; Max DC Reverse Voltage: 1unknown
unknown
unknown
SC260M4Triac; Max Peak Repetitive Reverse Voltage: 25; Max TMS Bridge Input Voltage: 250; Max DC Reverse Voltage: 1unknown
unknown
unknown
\"logo\"
NXP Semiconductors
SC26C92A1B-SDual universal asynchronous receiver/transmitter (DUART) - Application: Data Communication ; Function: Receivers/Transmitters ; Number of pins: 44 ; Operating temperature: -40~85 Cel; Receiver/Transmitter type: Dual UARTscompliant
no
active
SC26C92A1N,129SC26C92 - Dual universal asynchronous receiver/transmitter (DUART) DIP 40-Pinunknown

active
SC26C92C1A/G,518SC26C92 - Dual universal asynchronous receiver/transmitter (DUART) LCC 44-Pinunknown

obsolete
SC26C92C1B/N,557SC26C92 - Dual universal asynchronous receiver/transmitter (DUART) QFP 44-Pinunknown

obsolete
SC26C92C1N,129SC26C92 - Dual universal asynchronous receiver/transmitter (DUART) DIP 40-Pinunknown

active

1

");